Electronic Components Datasheet Search
  English  ▼

X  

LTC2947 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2947 Datasheet HTML 2Page - Linear Technology LTC2947 Datasheet HTML 3Page - Linear Technology LTC2947 Datasheet HTML 4Page - Linear Technology LTC2947 Datasheet HTML 5Page - Linear Technology LTC2947 Datasheet HTML 6Page - Linear Technology LTC2947 Datasheet HTML 7Page - Linear Technology LTC2947 Datasheet HTML 8Page - Linear Technology LTC2947 Datasheet HTML 9Page - Linear Technology LTC2947 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
dc2334af
DEMO MANUAL DC2334A
OV TO 15V
0A TO 30A
+–
LOAD
TO DC590
OR DC2026
IF THE EXTERNAL
SUPPLY IS GUARANTEED
TO STAY IN THE RANGE
4.5V TO 15V, IT IS ALSO
POSSIBLE TO SUPPLY
A/DVCC FROM IP. SET
JP2 TO IP IN THIS CASE.
Figure 5. DC2334A Powered by DC590/DC2026 and Configured for High Side Sensing
Figure 6. LTC2947 Powered by Single 5V Supply and Configured for High Side Sensing
HARDWARE SETUP
CURRENT/VOLTAGE SENSE OPTIONS
The DC2334A allows for evaluation of different current
sense/voltage measurement options.
High Side Current Sense
Figure 5 shows a typical application of LTC2947 where
the current from the external power supply is sensed on
the high side. Voltage is measured between IP and ground
(JP3 set to IP, JP4 set to GND) or by an external connec-
tion (JP3, JP4 set to default position EXT), for example,
between the supply or the load terminals.
+–
IPx
VP
VM
GND
LTC2947
IMx
AVCC
OVDD
dc2334a F06
DVCC
0V TO 15V
5V
+–
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com