Electronic Components Datasheet Search
  English  ▼

X  

LTC2947 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2947 Datasheet HTML 4Page - Linear Technology LTC2947 Datasheet HTML 5Page - Linear Technology LTC2947 Datasheet HTML 6Page - Linear Technology LTC2947 Datasheet HTML 7Page - Linear Technology LTC2947 Datasheet HTML 8Page - Linear Technology LTC2947 Datasheet HTML 9Page - Linear Technology LTC2947 Datasheet HTML 10Page - Linear Technology LTC2947 Datasheet HTML 11Page - Linear Technology LTC2947 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
dc2334af
DEMO MANUAL DC2334A
ALTERNATIVE CONNECTION
TO TURRETS E1, E18
OSCILLATOR
HARDWARE SETUP
PCB LAYOUT
External Oscillator
An external oscillator may be connected to J1 or turrets
E1 (EXTCLK), E18 (GND). The maximum low level voltage
is 0.4V and the minimum high level voltage is 2V. The
maximum recommended operating voltage is 5V and is
independent from any of the supply pins.
Figure 9. DC2334A in External Clock Operation
Figure 10. LTC2947 in External Clock Operation
PCB LAYOUT VS PERFORMANCE
TogetthebestperformanceoutofLTC2947,itisimportant
to follow some layout rules, which were mostly followed
on this demo circuit. At some point, a trade-off between
flexibleevaluationofdifferentapplicationscenariosandthe
best possible layout and compact PCB at reasonable costs
had to be done. For this reason, the present demo circuit
does not claim to have the perfect one-and-only layout
but one that is reasonable for evaluation and showcasing
the LTC2947’s high performance.
For general layout considerations, please consult the data
sheet of the LTC2947.
GND
LTC2947
CLKI
dc2334a F10
0.1MHz TO 25MHz
LOW: 0V TO 0.4V
HIGH: 2V TO 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com