Electronic Components Datasheet Search
  English  ▼

X  

LTC2947 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2947 Datasheet HTML 5Page - Linear Technology LTC2947 Datasheet HTML 6Page - Linear Technology LTC2947 Datasheet HTML 7Page - Linear Technology LTC2947 Datasheet HTML 8Page - Linear Technology LTC2947 Datasheet HTML 9Page - Linear Technology LTC2947 Datasheet HTML 10Page - Linear Technology LTC2947 Datasheet HTML 11Page - Linear Technology LTC2947 Datasheet HTML 12Page - Linear Technology LTC2947 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
dc2334af
DEMO MANUAL DC2334A
DC2334A SOFTWARE USER INTERFACE
The DC2334A software user interface was designed to
allow users to quickly evaluate the LTC2947. The user
has the ability to plot/monitor voltage, current, power,
charge and energy, as well as to set fault thresholds and
enable, disable and clear alerts. Once the graphical user
interface (GUI) is started, it will automatically connect to
theDC590/DC2026(Figure11)andreadoutalltheregister
values from the LTC2947.
Figure 11. GUI Connection Progress Window
After the connection is established, the mouse pointer will
automatically jump to some controls that show message
bubbles which provide information about basic operation
steps (see Figure 12, Figure 13, Figure 14) which are:
• Starting continuous conversion
• Enabling Register Auto Read (data transfer from device
to PC)
• Clearing device’s accumulators and trackers and
GUI’s plots
TheLTC2947GUIissplitintoseveralsub-windowsthatcan
be rearranged and even detached from the main window
by dragging the title, moving around and dropping to a
new position. Some sub-windows are hidden and can be
shown by enabling them in the View menu. All this allows
the GUI to be adjusted to any screen size and to show only
Figure 12. GUI Overview, Continuous Measurement Notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com