Electronic Components Datasheet Search
  English  ▼

X  

LTC2947 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 5 Page - Linear Technology

  LTC2947 Datasheet HTML 1Page - Linear Technology LTC2947 Datasheet HTML 2Page - Linear Technology LTC2947 Datasheet HTML 3Page - Linear Technology LTC2947 Datasheet HTML 4Page - Linear Technology LTC2947 Datasheet HTML 5Page - Linear Technology LTC2947 Datasheet HTML 6Page - Linear Technology LTC2947 Datasheet HTML 7Page - Linear Technology LTC2947 Datasheet HTML 8Page - Linear Technology LTC2947 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
dc2334af
DEMO MANUAL DC2334A
HARDWARE SETUP
Turrets
E2 (GPIO) – LED2: General Purpose Input/Output. Lights
up green when pulled low. Default is input.
E3 (OVDD): Power supply for digital interface. For typi-
cal operation it is connected via J4 to a 5V supply from
a DC590/DC2026. In case the user connects another
controller board, a supply voltage between 1.8V to 5V can
be connected to this turret. For an OVDD supply < 4.8V, a
suitable voltage input must be connected to AVCC/DVCC.
See jumper JP2 (A/DVCC) or turret E5 (A/DVCC).
E4(ALERTB)–LED1:AlertOutput.PulledlowonanALERT
condition (default on start-up). Can also be monitored on
theALERTturret.LED1lightsupredifALERTBispulledlow.
E5 (A/DVCC): Analog and digital supply input. AVCC and
DVCC are shorted onboard by zero ohm resistor R9. See
JP2 for possible supply options.
E6 (SCL/SCK): Serial clock input for I2C and SPI interface.
E7 (SDO): Serial data output for I2C and SPI interface. In
I2C mode this signal is shorted to SDI by jumper JP5 to
form the SDA signal.
E8 (SDI): Serial data input for I2C and SPI interface. In
I2C mode this signal is shorted to SDO by jumper JP5 to
form the SDA signal.
E10 (CSB): Chip select input for SPI interface. In I2C mode
it is part of the slave address configuration.
E12 (VP), E13 (VM): Positive (VP) and negative (VM)
input of voltage ADC. Measurement range is 0V to 15V.
Make sure jumpers JP3 (VP) and JP4 (VM) are both set
to EXT before applying any voltage sources.
E14, E15, E16, E17, E18 (GND): Ground turrets.
POWERING THE DC2334A
The DC2334A supports many different supply options.
In the default configuration OVDD is supplied by 5V from
DC590. For this reason, JP6 (VCCIO) on the DC590 must
be set to 5V. If using a DC2026A, jumper JP1 must be
shorted (which is the default if PCB trace JP1 wasn’t cut).
For the DC2026B (and newer versions), set jumper JP3 to
5V (default). See the latest demo manual of those boards
for details. If the supply from those boards is disabled or
a user specific board is used, any voltage between 1.8V
and 5V can be connected to OVDD.
A/DVCC can be supplied by IP, externally or on-board
which is the default, see JP2. If A/DVCC and OVDD are
not supplied from the same source, make sure OVDD
reaches its minimum operating voltage of 1.8V before A/
DVCC reaches its undervoltage lockout threshold of 4.5V.
In the default setting of JP2, the power sequence timing
is inherently met.
RINGING
It comes as a surprise to many that seemingly innocent
acts, such as making a connection to a live supply, may
destroy an IC due to ringing. This ringing is an effect of
the LC oscillator that is formed by the cable inductance,
the supply decoupling capacitor and other parasitics. The
longer the cable that is used to power the board, the big-
ger its inductance and so is the energy that is stored in
it when hot-plugging. Larger inductance also means low
frequency of the LC oscillator, so the ringing lasts longer.
Under particular conditions, the ringing can reach more
than two times the input voltage and last several micro-
seconds, enough to exceed the absolute maximum ratings
of the part and destroy it. Figure 4 shows this effect when
hot-plugging A/DVCC to a 15V power supply with a 50cm
cable. The maximum amplitude is over 30V.
Figure 4. Ringing on A/DVCC when Hot-Plugging to a
15V Supply with a 50cm Cable
2µs/DIV
dc2334a F04
5V/DIV
Avoiding ringing is easily achieved by first wiring up the
board and then slowly ramping up the supplies. If OVDD
and A/DVCC are supplied separately, make sure OVDD is
turned on first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com