Electronic Components Datasheet Search
  English  ▼

X  

MP5002 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5002
Description  3.3V, 1A-3A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5002 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5002 Datasheet HTML 1Page - Monolithic Power Systems MP5002 Datasheet HTML 2Page - Monolithic Power Systems MP5002 Datasheet HTML 3Page - Monolithic Power Systems MP5002 Datasheet HTML 4Page - Monolithic Power Systems MP5002 Datasheet HTML 5Page - Monolithic Power Systems MP5002 Datasheet HTML 6Page - Monolithic Power Systems MP5002 Datasheet HTML 7Page - Monolithic Power Systems MP5002 Datasheet HTML 8Page - Monolithic Power Systems MP5002 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP5002 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5002 Rev. 0.93
www.MonolithicPower.com
5
10/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VEN =3.3V, RLIMIT=24Ω, COUT=10µF, Cdv/dt=1nF, TA=25°C, unless otherwise noted.
Supply Current,Output
Disabled vs. Input Voltage
VEN=0
Supply Current,Output Enabled
vs.Input Voltage
no load,EN floating
1.5
1.55
1.6
1.65
1.7
1.75
1.8
2.5
3
3.5
4
4.5
INPUT VOLTAGE(V)
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
2.533.5
44.5
INPUT VOLTAGE(V)
Static Drain-Source On-State
Resisitance vs. Input Voltage
IOUT=1A
INPUT VOLTAGE(V)
Input to Output Voltage vs.
Load Current
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
LOAD CURRENT(A)
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
Current Limit Response
vs. Peak Current
no COUT
0
5
10
15
20
25
3
6
9 121518212427
PEAK CURRENT(A)
Trip and Hold Current vs.
RLIMIT
40
45
50
55
60
65
2.7
3.3
3.9
4.5
1.5
1.6
1.7
1.8
2.7
3.3
3.9
4.5
2.3
2.4
2.5
2.6
2.7
2.7
3.3
3.9
4.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
20
40
60
80 100 120
Trip Current
Hold Current
VIN=3.3V
VIN=4.2V
VIN=3V
VIN=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com