Electronic Components Datasheet Search
  English  ▼

X  

MP5002 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5002
Description  3.3V, 1A-3A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5002 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5002 Datasheet HTML 4Page - Monolithic Power Systems MP5002 Datasheet HTML 5Page - Monolithic Power Systems MP5002 Datasheet HTML 6Page - Monolithic Power Systems MP5002 Datasheet HTML 7Page - Monolithic Power Systems MP5002 Datasheet HTML 8Page - Monolithic Power Systems MP5002 Datasheet HTML 9Page - Monolithic Power Systems MP5002 Datasheet HTML 10Page - Monolithic Power Systems MP5002 Datasheet HTML 11Page - Monolithic Power Systems MP5002 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP5002 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5002 Rev. 0.93
www.MonolithicPower.com
11
10/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PCB LAYOUT
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference.
Place Rlimit close to Ilimit pin, Cdv/dt close to
dv/dt pin and input cap close to VIN (Exposed
Pad). Keep the N/C pin float. Put vias in thermal
pad and ensure enough copper area near VIN
and
VOUT
to
achieve
better
thermal
performance.
Top Layer
Bottom Layer
Figure 3—PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com