Electronic Components Datasheet Search
  English  ▼

X  

MP5002 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5002
Description  3.3V, 1A-3A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5002 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5002 Datasheet HTML 1Page - Monolithic Power Systems MP5002 Datasheet HTML 2Page - Monolithic Power Systems MP5002 Datasheet HTML 3Page - Monolithic Power Systems MP5002 Datasheet HTML 4Page - Monolithic Power Systems MP5002 Datasheet HTML 5Page - Monolithic Power Systems MP5002 Datasheet HTML 6Page - Monolithic Power Systems MP5002 Datasheet HTML 7Page - Monolithic Power Systems MP5002 Datasheet HTML 8Page - Monolithic Power Systems MP5002 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP5002
3.3V, 1A-3A Programmable Current
Limit Switch
MP5002 Rev. 0.93
www.MonolithicPower.com
1
10/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5002 is a protection device designed to
protect circuitry on the output (VOUT) from
transients on the input (VIN). It also protects VIN
from undesired shorts and transients coming
from the load.
At start up, inrush current is limited by limiting the
slew rate at VOUT. The slew rate is controlled by a
small capacitor at the dv/dt pin. The dv/dt pin has
an internal circuit that allows the customer to float
this pin (no connect) and still receive a 1.1ms
ramp time at VOUT.
The max load at the output (VOUT) is current
limited. This is accomplished by utilizing a sense
FET topology. The magnitude of the current limit
is controlled by an external resistor connected
between the ILIMIT pins.
An internal charge pump drives the gate of the
power device, allowing a very low on-resistance
DMOS power FET of just 44mΩ.
VOUT is protected from VIN being too low or too
high. Under Voltage Lockout (UVLO) assures
that the input is above the minimum operating
threshold, before the power device is turned on.
If VIN goes above the high output threshold, the
output voltage will be limited.
FEATURES
• Integrated 44mΩ Power FET
• Enable/Fault Pin
• Adjustable Slew Rate for Output Voltage
• Adjustable Current Limit: 1A-3A
• Thermal Protection
• Over Voltage Limit
APPLICATIONS
• Hot Swap
• PC Cards
• Cell Phones
• Laptops
TYPICAL APPLICATION
MP5002
+ILIMIT
-ILIMIT
Enable/Fault
VOUT
VOUT
VOUT
VOUT
VOUT
VIN
dv/dt
GND
5
11
6
7
8
9
10
4
3
2
1
VIN
VOUT
Cdv/dt
(Optional)
EN
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP5002

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP5002 CHENG-YI-MP5002 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
MP5002 RFE-MP5002 Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
CHENG-YI ELECTRONIC CO....
MP5002S CHENG-YI-MP5002S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
logo
RFE international
MP5002S RFE-MP5002S Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
MP5002W RFE-MP5002W Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
More results

Similar Description - MP5002

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
MP5003 MPS-MP5003 Datasheet
322Kb / 13P
3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
MP6219 MPS-MP6219 Datasheet
715Kb / 11P
5V, 1A ??2A Programmable Current Limit Power Distribution Switch
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
Programmable Current Limit Up to 1A
Rev 0; 5/12
logo
Monolithic Power System...
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
12V, 5A Programmable Current Limit Switch
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com