Electronic Components Datasheet Search
  English  ▼

X  

MP5002 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5002
Description  3.3V, 1A-3A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5002 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5002 Datasheet HTML 4Page - Monolithic Power Systems MP5002 Datasheet HTML 5Page - Monolithic Power Systems MP5002 Datasheet HTML 6Page - Monolithic Power Systems MP5002 Datasheet HTML 7Page - Monolithic Power Systems MP5002 Datasheet HTML 8Page - Monolithic Power Systems MP5002 Datasheet HTML 9Page - Monolithic Power Systems MP5002 Datasheet HTML 10Page - Monolithic Power Systems MP5002 Datasheet HTML 11Page - Monolithic Power Systems MP5002 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP5002 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5002 Rev. 0.93
www.MonolithicPower.com
10
10/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The fault flag is an internal flip-flop that can be
set or reset under various conditions:
1. Thermal Shutdown: set fault flag
2. Under Voltage: reset fault flag
3. Low voltage on Enable/Fault pin: reset
fault flag
4. Mid voltage on Enable/Fault pin: no
effect
5. Under a fault, the Enable/Fault pin is
driven to the mid level.
There are 4 types of faults, and each fault has a
direct and indirect effect on the Enable/Fault pin
and the internal fault flag. In a typical application
where there are multiple MP5002 chips in a
system, the enable/fault lines are typically
connected together.
Table 3—Fault Function Influence in Application
Fault description
Internal action
Effect on Fault
Pin
Effect on
Flag
Effect on secondary
Part
Short/over current
Limit current
none
none
none
Under Voltage
Output is turned off
Internally drives
Enable/Fault pin to
Logic low
Flag is
reset
Secondary part output is
disabled, and fault flag is
reset.
Over Voltage
Limit output voltage
None
None
None
Thermal Shutdown
Shutdown part. The
part is latched off
until a UVLO or
externally driven to
ground.
Internally drives
Enable/Fault pin
to mid level
Flag is Set
Secondary part output is
disabled.
UNDER VOLTAGE LOCK OUT OPERATION
If the supply (input) is below the UVLO threshold,
the output is disabled, and the fault line is driven
low. When the supply goes above the UVLO
threshold, the output is enabled and the fault line
is released. When the fault line is released it will
be pulled high by a 25uA current VOUT. No
external pull up resistor is required. In addition,
the pull up voltage is limited to 5 volts.
THERMAL PROTECTION
When thermal protection is triggered, the output
is disabled and the fault line is driven to the mid
level. The thermal fault condition is latched
(meaning the fault flag is set), and the part will
remain latched off until the fault (enable) line is
brought low. Cycling the power below the UVLO
threshold will also reset the fault flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com