Electronic Components Datasheet Search
  English  ▼

X  

LTC3869EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3869EUFD
Description  Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869EUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC3869EUFD Datasheet HTML 1Page - Linear Technology LTC3869EUFD Datasheet HTML 2Page - Linear Technology LTC3869EUFD Datasheet HTML 3Page - Linear Technology LTC3869EUFD Datasheet HTML 4Page - Linear Technology LTC3869EUFD Datasheet HTML 5Page - Linear Technology LTC3869EUFD Datasheet HTML 6Page - Linear Technology LTC3869EUFD Datasheet HTML 7Page - Linear Technology LTC3869EUFD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1807af
DEMO MANUAL DC1807A
DESCRIPTION
LTC3869EUFD
Dual, 2-Phase Synchronous
Step-Down DC/DC Controllers
Demonstration circuit 1807A is a dual output, dual phase
synchronous buck converter featuring the LTC3869EUFD.
The demo board uses a high density, two sided drop-in
layout. The power components, excluding the bulk out-
put and input capacitors, fit within a 1.35”
× 0.75” area
on the top layer. The control circuit resides in a 0.60”
×
0.75” area on the bottom layer. The package style for the
LTC3869EUFD is a 4mm
× 5mm 28-lead QFN with an
exposed ground pad.
The main features of the board include an internal 5V linear
regulator for bias, RUN pins for each output, an EXTVCC
pin and a PGOOD signal. The board can be configured
for either CCM (original setting), Burst Mode operation,
or pulse-skipping operation with the mode jumper. The
board also has optional resistors for single output/dual
phase operation, rail tracking and synchronization to an
external clock.
L, LT, LTC, LTM, μModule, Burst Mode, Linear Technology and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
PERFORMANCE SUMMARY
Two versions of the board are available. DC1807A-A has
an on-board sense resistor for current feedback, while
the DC1807A-B is configured with a DCR sense circuit
that allows the converter to use the inductors DCR as the
sense element instead of the on-board sense resistors to
save cost and board space and improves efficiency.
The input voltage range is 4.5V to 14V, output voltages
and currents are 1.5V/15A and 1.2V/15A. The LTC3869
datasheet gives a complete description of the part, opera-
tion and application information. The datasheet must be
read in conjunction with this demo manual for DC1807A.
Design files for this circuit board are available at
http://www.linear.com/demo
(TA = 25°C)
PARAMETER
CONDITIONS
VALUE
Minimum Input Voltage
4.5V
Maximum Input Voltage
14V
Output Voltage VOUT1
VIN = 4.5V to 14V, IOUT1 = 0A to 15A
1.5V±2%
Output Voltage VOUT2
VIN = 4.5V to 14V, IOUT2 = 0A to 15A
1.2V±2%
Typical Output Ripple VOUT
VIN = 12V, IOUT1 = 15A (20MHz BW)
<30mVP-P*
VIN = 12V, IOUT2 = 15A (20MHz BW)
<30mVP-P*
Nominal Switching Frequency
400kHz
Efficiency
DC1807A-A
DC1807A-B
VOUT1 = 1.5V, IOUT1 = 15A; VIN = 12V
88.7%** Typical
86.7%** Typical
VOUT2 = 1.2V, IOUT2 = 15A; VIN = 12V
89.1%** Typical
87.4%** Typical
*Measured at bulk output capacitor
**See Figures 3 and 4 for efficiency curves


Similar Part No. - LTC3869EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3869EUFDPBF LINER-LTC3869EUFDPBF Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results

Similar Description - LTC3869EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com