Electronic Components Datasheet Search
  English  ▼

X  

LTC3869EUFD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3869EUFD
Description  Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869EUFD Datasheet(HTML) 4 Page - Linear Technology

  LTC3869EUFD Datasheet HTML 1Page - Linear Technology LTC3869EUFD Datasheet HTML 2Page - Linear Technology LTC3869EUFD Datasheet HTML 3Page - Linear Technology LTC3869EUFD Datasheet HTML 4Page - Linear Technology LTC3869EUFD Datasheet HTML 5Page - Linear Technology LTC3869EUFD Datasheet HTML 6Page - Linear Technology LTC3869EUFD Datasheet HTML 7Page - Linear Technology LTC3869EUFD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc1807af
DEMO MANUAL DC1807A
QUICK START PROCEDURE
50
55
60
65
70
75
80
85
90
95
0
3
6
9
12
15
LOAD CURRENT (A)
6.5VIN,1.5VOUT, RSENSE, 400kHz
12VIN,1.5VOUT, RSENSE, 400kHz
14VIN,1.5VOUT, RSENSE, 400kHz
50
55
60
65
70
75
80
85
90
95
0
3
6
9
12
15
LOAD CURRENT (A)
6.5VIN,1.2VOUT, RSENSE, 400kHz
12VIN,1.2VOUT, RSENSE, 400kHz
14VIN,1.2VOUT, RSENSE, 400kHz
Figure 3. Typical Efficiency Curves vs Load Current with A-A (RSENSE) Board for: (A) 1.5V Rail and (B) 1.2V Rail



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com