Electronic Components Datasheet Search
  English  ▼

X  

LTC3869EUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3869EUFD
Description  Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869EUFD Datasheet(HTML) 3 Page - Linear Technology

  LTC3869EUFD Datasheet HTML 1Page - Linear Technology LTC3869EUFD Datasheet HTML 2Page - Linear Technology LTC3869EUFD Datasheet HTML 3Page - Linear Technology LTC3869EUFD Datasheet HTML 4Page - Linear Technology LTC3869EUFD Datasheet HTML 5Page - Linear Technology LTC3869EUFD Datasheet HTML 6Page - Linear Technology LTC3869EUFD Datasheet HTML 7Page - Linear Technology LTC3869EUFD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc1807af
DEMO MANUAL DC1807A
QUICK START PROCEDURE
Rail Tracking
Demonstrationcircuit1807Aissetupforindependentturn-on
of VOUT1 and VOUT2. The ramp-rate for VOUT1 is determined
by the TRK/SS1 cap at C2 and the ramp-rate for VOUT2 is
determined by the TRK/SS2 cap at C47. The turn-on of one
rail will not affect the other for the original demo board.
Table.2 VOUT2 Tracking Options for a 1.2V Output.
TRACK 2 DIVIDER
TRK/SS2 CAPACITOR
CONFIGURATION
R36
R34
R37
C47
Soft Start Without Tracking
0Ω
OPEN
OPEN
0.1μF
Coincident Tracking to VOUT1 (1.5V)
0Ω
10.0kΩ
20.0kΩ
OPEN
External Coincident Tracking
17.8kΩ
OPEN
20.0kΩ
OPEN
This board can be modified on the bench to allow VOUT1
to track an external signal. It can also be modified to allow
VOUT2 to track VOUT1 or to allow VOUT2 to track an external
signal. Tables 2 and 3 cover the rail tracking options for
each rail, with the –B version used as an example.
Single Output/Dual Phase Operation
A single output/dual phase converter may be preferred
for high output current applications. The benefits of sin-
gle output/dual phase operation is lower ripple current
through the input and output capacitors, improved load
step response and simplified thermal design. To implement
single output / dual phase operation, make the following
modifications:
1. Tie VOUT1 to VOUT2 by tying together the exposed cop-
per pads near J3 and J5 at the edge of the board. Use
a piece of heavy copper foil.
2. Tie ITH1 to ITH2 by stuffing 0 at R49. Turn on the power
at the input.
3. Tie VFB1 to VFB2 by stuffing 0 at R50.
4. Tie TRK/SS1 to TRK/SS2 by stuffing 0 at R52.
5. Tie RUN1 to RUN2 by stuffing 0 at R55.
6. Remove the redundant ITH compensation network and
VFB divider.
Figure 2. Measuring Output Voltage Ripple
Table.1 VOUT1 Tracking Options for a 1.5V Output.
TRACK 1 DIVIDER
TRK/SS1 CAPACITOR
CONFIGURATION
R3
R2
C2
Soft Start Without Tracking
0Ω
OPEN
0.1μF
External Coincident Tracking
17.8kΩ
20.0kΩ
OPEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com