Electronic Components Datasheet Search
  English  ▼

X  

LTC3869EUFD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3869EUFD
Description  Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869EUFD Datasheet(HTML) 2 Page - Linear Technology

  LTC3869EUFD Datasheet HTML 1Page - Linear Technology LTC3869EUFD Datasheet HTML 2Page - Linear Technology LTC3869EUFD Datasheet HTML 3Page - Linear Technology LTC3869EUFD Datasheet HTML 4Page - Linear Technology LTC3869EUFD Datasheet HTML 5Page - Linear Technology LTC3869EUFD Datasheet HTML 6Page - Linear Technology LTC3869EUFD Datasheet HTML 7Page - Linear Technology LTC3869EUFD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1807af
DEMO MANUAL DC1807A
QUICK START PROCEDURE
Figure 1. Proper Measurement Equipment Setup
Demonstration circuit 1807A is easy to set up to evaluate
the performance of the LTC3869EUFD. Refer to Figure 1
for proper measurement equipment setup and follow the
procedure below:
NOTE. When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN or
VOUT and GND terminals. See Figure 2 for proper scope
probe technique.
1. Make sure jumpers are in the following positions:
JUMPER
POSITION
JP1
ON
JP2
ON
JP3
CCM
2. With power off, connect the input power supply to VIN
and GND. Connect active loads to outputs.
3. Turn on the power at the input.
NOTE. Make sure that the input voltage does not exceed
28V.
4. Check for the proper output voltages.
VOUT1 = 1.470V to 1.530V,
VOUT2 = 1.176V to 1.224V,
NOTE. If there is no output, temporarily disconnect the
load to make sure that the load is not set too high.
5. Once the proper output voltages are established, adjust
the loads within the operating range and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
6. Different operating modes can be evaluated by chang-
ing position of jumper JP3.
A
V
POWER
SUPPLY
V
OUT1
Load
A
V
V
OUT2
Load
A
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com