Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3871
Description  High Power PolyPhase짰 Bi-Directional Supply/Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 1 Page - Linear Technology

  LTC3871 Datasheet HTML 1Page - Linear Technology LTC3871 Datasheet HTML 2Page - Linear Technology LTC3871 Datasheet HTML 3Page - Linear Technology LTC3871 Datasheet HTML 4Page - Linear Technology LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
dc2348aabf
DEMO MANUAL
DC2348A-A/DC2348A-B
Description
LTC3871
High Power PolyPhase®
Bi-Directional Supply/Charger
Demonstration circuit 2348A is a high power high
efficiency bi-directional synchronous buck or boost
converter featuring the LTC®3871 and is available in two
versions.TheDC2348A-AoperateswithtwoeachLTC3871
devices with four phases and the DC2348A-B utilizes one
LTC3871 device with two phases.
When operating in buck mode, this demo circuit has an
input voltage range of 30V to 75V and produces a 12V
output. When operating in boost mode, the input voltage
is from 10V to 13V and produces a 48V output voltage.
Both boards have a switch that allows the converter to
run in either buck or boost mode. A DC voltage source
can be connected to the SETCUR turret to set the average
inductorcurrentineachphaseoftheconverter.Bothboards
also utilize a mode jumper to select forced continuous
conduction mode, buck-mode only pulse-skipping or full
pulse-skipping mode for buck and boost.
L
, LT, LTC, LTM, Linear Technology, PolyPhase and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
performance summary
Synchronization to an external clock (frequency range 100
kHz to 300 kHz) is also possible on these boards.
The demo circuit senses inductor current with a sense
resistor. An optional DCR sense circuit utilizes the
inductor’s DCR as the current sensing element further
saving cost, footprint and improving efficiency.
The LTC3871 data sheet gives a complete description of
the part’s operation and application information and must
be read in conjunction with this quick start guide.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2348A
DC2348A-A (4-Phase)
Buck Mode
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VHIGH
Supply Range
30
75
V
VLOW
Output Voltage
11.8
12
12.2
V
Output Current
60
A
fSW
Operating Frequency
110
kHz
Efficiency
48V to 12V at 60A
97.5
%
Boost Mode
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VLOW
Supply Range
10
13
V
VHIGH
Output Voltage
47
48
49
V
Output Current
15
A
fSW
Operating Frequency
110
kHz
Efficiency
12V to 48V at 15A
97
%


Similar Part No. - LTC3871

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3871 LINER-LTC3871 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3871 LINER-LTC3871 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
LTC3871 LINER-LTC3871 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3871 AD-LTC3871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC3871 AD-LTC3871 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC3871

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDC-8010 SYNERGY-SDC-8010 Datasheet
154Kb / 1P
HIGH POWER BI-DIRECTIONAL COUPLERS
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Mini-Circuits
ZGBDC6-362HP MINI-ZGBDC6-362HP Datasheet
320Kb / 3P
High Power Bi-Directional Coupler
ZGBDC10-362HP MINI-ZGBDC10-362HP Datasheet
288Kb / 3P
High Power Bi-Directional Coupler
ZGBDC20-33H MINI-ZGBDC20-33H Datasheet
277Kb / 3P
High Power Bi-Directional Coupler
ZGBDC20-33HP MINI-ZGBDC20-33HP Datasheet
344Kb / 3P
High Power Bi-Directional Coupler
ZGBDC20-33HPD MINI-ZGBDC20-33HPD Datasheet
264Kb / 3P
High Power Bi-Directional Coupler
ZGBDC35-93HP MINI-ZGBDC35-93HP Datasheet
345Kb / 3P
High Power Bi-Directional Coupler
logo
Shanghai Leiditech Elec...
SMD07CA LEIDITECH-SMD07CA Datasheet
717Kb / 3P
Bi-Directional High Power TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com