Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3871
Description  High Power PolyPhase짰 Bi-Directional Supply/Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 3 Page - Linear Technology

  LTC3871 Datasheet HTML 1Page - Linear Technology LTC3871 Datasheet HTML 2Page - Linear Technology LTC3871 Datasheet HTML 3Page - Linear Technology LTC3871 Datasheet HTML 4Page - Linear Technology LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
dc2348aabf
DEMO MANUAL
DC2348A-A/DC2348A-B
Quick start proceDure
8. Disconnect the load from the DC2348A and then turn
off the input power.
For CV boost mode (VLOW is the input and VHIGH is
the output).
9. Change the S1 position from BUCK to BOOST.
10. Connect the input power supply to VLOW and GND.
Connect the load to VHIGH and GND. The load cur-
rent should be less than 15A for DC2348A-A and
less than 7.5A for DC2348A-B.
11. Turn on the input power.
NOTE: Make sure that the input voltage is between 10V
and 13V.
Checkfortheproperoutputvoltage(VHIGH=47Vto49V).
12. Oncetheproperoutputvoltageisestablished,adjust
the load within the operating range and observe the
output voltage regulation, ripple voltage, efficiency
and other parameters.
For CC (constant current) mode operation:
1. Use the same afore mentioned jumpers setting.
2. An electronic load active in CV (constant voltage)
mode is required as the current-sinking device. Set
the electronic load voltage to below 11V or below
46V for buck or boost mode respectively.
Figure 1. Proper Measurement Equipment Setup (Buck Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com