Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3871
Description  High Power PolyPhase짰 Bi-Directional Supply/Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 5 Page - Linear Technology

  LTC3871 Datasheet HTML 1Page - Linear Technology LTC3871 Datasheet HTML 2Page - Linear Technology LTC3871 Datasheet HTML 3Page - Linear Technology LTC3871 Datasheet HTML 4Page - Linear Technology LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
dc2348aabf
DEMO MANUAL
DC2348A-A/DC2348A-B
optionaL inDuctor Dcr current sensinG
Demonstration circuit 2348A provides an optional circuit
for Inductor DCR current sensing. Inductor DCR current
sensing uses the DCR of the inductor to sense the inductor
currentinsteadofdiscretesenseresistors.Theadvantages
of DCR sensing are lower cost, reduced board space and
higher efficiency, but the disadvantage is a less accurate
Table 2. Optional Inductor DCR Current Sensing
Configuration
CHANNEL1
RS1
R39
R26
C32
CHANNEL2
RS2
R40
R25
C33
CHANNEL3
RS3
R43
R79
C34
CHANNEL4
RS4
R49
R54
C35
Current Sense Resistor (Default)
REF SCH
REF SCH
OPEN
OPEN
Inductor DCR Current Sensing
0Ω Copper
OPEN
Calculated Value from Data Sheet
current limit. If DCR sensing is used, be sure to select an
inductor with sufficiently high saturation current or use
an iron powder type material.
RefertoTable2forOptionalInductorDCRCurrentSensing
setup and to the data sheet for more details.
Figure 4. DC2348A-B Buck Mode Typical Efficiency vs Load Current
Figure 5. DC2348A-A Buck Mode Typical Efficiency vs Load Current
IOUT (A)
0
99
97
91
89
87
83
81
79
93
95
85
77
75
15
10
25
dc2348a F04
30
5
20
VIN = 36V
VIN = 75V
VIN = 48V
IOUT (A)
0
99
97
91
89
87
83
81
79
93
95
85
77
75
30
20
50
dc2348a F05
60
10
40
VIN = 36V
VIN = 75V
VIN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com