Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3871
Description  High Power PolyPhase짰 Bi-Directional Supply/Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 4 Page - Linear Technology

  LTC3871 Datasheet HTML 1Page - Linear Technology LTC3871 Datasheet HTML 2Page - Linear Technology LTC3871 Datasheet HTML 3Page - Linear Technology LTC3871 Datasheet HTML 4Page - Linear Technology LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
dc2348aabf
DEMO MANUAL
DC2348A-A/DC2348A-B
Quick start proceDure
3. With the power off, connect the input power supply
and the load according to the BUCK/BOOST setting:
POWER SUPPLY
ELECTRONIC LOAD
BUCK
VHIGH
VLOW
BOOST
VLOW
VHIGH
4. Connect a DC voltage source between the SETCUR
and GND turrets. Set the initial DC voltage to 1.25V.
The valid SETCUR voltage range is 1.25V to 2V for
BUCK mode and 1.25V to 0.5V for BOOST mode.
Turn on the power and then change the JP4 to ON
position.
NOTE: Watch closely for the load current, which is pro-
portional to the SETCUR voltage. At SETCUR = 1.25V
the load current may or may not be zero, depending
upon the different ILIM settings.
5. ObservetheIMON1orIMON2turretvoltage.Itshould
be equal to the SETCUR voltage until the ILIM-set
current limit is hit.
6. Adjust the SETCUR back to 1.25V. Change the JP4
to OFF position. Turn off the input power.
For battery charging applications, SETCUR can be
programmed dynamically on-the-fly to set the charging
currentstothebatteriesineitherBUCKorBOOSTmode.
The BUCK/BOOST mode can also be set dynamically:
Toggle the S1 switch to the middle position and drive
the BUCK turret by a signal generator.
BUCK:
5V
BOOST: 0V
NOTE (Constant Current Mode Only): When doing the
bidirectional current transition tests, both VHIGH and
VLOW sides need a power supply and an electronic
load which is active in the CV mode. In this case, the
electronic load functions like a battery which is being
charged. Make sure the power supply voltages are
always below the same side electronic load voltages.
See Figure 3 for proper equipment setup.
Figure 2. Measuring Input or Output Ripple Across Terminals or Directly Across Bulk Capacitor
Figure 3. Proper Equipment Setup For Bidirectional Current Transition Tests (DC2348A in CC Mode)
+
–
VOUT
GND
COUT
DC2348 F03
SETCUR GND
VLOW
SUPPLY
VLOW
DC2348A
(–A OR –B)
0.5V ~ 2V DC
VOLTAGE
–
+
+
+
VHIGH
SUPPLY
VHIGH
ELECTRONIC
LOAD (CV)
ENABLED
ELECTRONIC
LOAD (CV)
ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com