Electronic Components Datasheet Search
  English  ▼

X  

MP4655GY Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4655GY
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655GY Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4655GY Datasheet HTML 12Page - Monolithic Power Systems MP4655GY Datasheet HTML 13Page - Monolithic Power Systems MP4655GY Datasheet HTML 14Page - Monolithic Power Systems MP4655GY Datasheet HTML 15Page - Monolithic Power Systems MP4655GY Datasheet HTML 16Page - Monolithic Power Systems MP4655GY Datasheet HTML 17Page - Monolithic Power Systems MP4655GY Datasheet HTML 18Page - Monolithic Power Systems MP4655GY Datasheet HTML 19Page - Monolithic Power Systems MP4655GY Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
16
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
13
ICOMP
Feedback compensation node of the current control loop.
Connect a compensation
capacitor or an R-C network from ICOMP to GND. The ICOMP voltage is internally
clamped between 1.02V and 2.28V, which limits the operating frequency range. ICOMP
also functions as the short LED to GND protection. When ICOMP is saturated and the
IFB voltage is lower than 50% of the reference current for 1024 cycles, IC uses it as the
fault condition and triggers an LED fault protection.
14
IOCP/FAULT
LED stage over-current protection and fault indicator.
IOCP/FAULT feeds back the
secondary side current of the LED driver stage. When the voltage on IOCP/FAULT is
less than -320mV for 7μs, the IC disables the output of the DIMO signal. After 270μs,
the IC outputs the fault indicator. If the IOCP voltage is always lower than -320mV for
270μs, the IC latches up the LLC.
15
VLED1
Voltage feedback of LED string 1.
VLED1 and VLED2 cooperate for the protection of
the LED driver stage. The maximum voltage and the voltage difference among VLED1
and VLED2 are detected and used for LED stage protection. For 1-string applications,
connect VLED1 and VLED2; for two-string applications, feed back the LED strings
voltages to VLED1 and VLED2; for applications with more than two strings, feed back
the maximum voltage of the LED strings and the minimum voltage of the LED strings to
VLED1 and VLED2.
16
VLED2
Voltage feedback of LED string 2.
17
EN_LED
The enable signal for the LED driver.
Logic high enables the LED stage; logic low
disables the LED stage.
18
ADIMP
The pulse input signal for analog dimming.
The duty cycle 0 to 100% of this pulse
signal programs the amplitude of the LED current from 0 to 100%. Place a 100nF
capacitor from ADIM to GND for this type of dimming. If this dimming is not being used,
pull it high to VCC through a 100k resistor or leave it open.
19
ADIM
Analog dimming input with DC voltage.
The LED current is set by 0~2.4V from 0 to
100%. ADIMP should be disabled if using this DC input analog dimming. If this dimming
is not being used, pull it high to VCC through a 100kΩ resistor.
20
PWMIN
PWM dimming control input.
Apply a 100Hz to 2kHz PWM signal to PWMIN for PWM
dimming.
21
VIN
Supply input.
Bypass VIN with a ceramic capacitor larger than 0.1μF.
22
PS_ON
On/off signal for the system power supply
. PS_ON is the enable signal for the IC.
This signal determines the operation mode of the IC. If PS_ON is less than 0.8V, the IC
works in standby mode. IC operates in deep burst mode, and the system bus voltage is
controlled with a larger ripple voltage to decrease the power consumption. If PS_ON is
greater than 0.8V but less than 2V and this saturation lasts for 1ms, the IC shuts down.
If PS_ON is greater than 2V, the IC works in normal operation mode.
23
VCC
Power supply for the gate driver of the LLC MOSFETs and internal circuit.
Bypass
VCC to GND with a ceramic capacitor larger than 1μF.
24
DIMO
Output of the driving signal for the dimming MOSFET.
25
GL
LLC driving signal output.
180 degree phase shift of GR.
26
GND
Ground reference.
27
GR
LLC driving signal output.
180 degree phase shift of GL.
28
CFLY
Output of the pulse signal for the charge pump.
Connect a flying cap higher than
100nF of the charge pump to CFLY. Please refer to the typical application circuit for
connection details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com