Electronic Components Datasheet Search
  English  ▼

X  

MP4655GY Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP4655GY
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655GY Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP4655GY Datasheet HTML 17Page - Monolithic Power Systems MP4655GY Datasheet HTML 18Page - Monolithic Power Systems MP4655GY Datasheet HTML 19Page - Monolithic Power Systems MP4655GY Datasheet HTML 20Page - Monolithic Power Systems MP4655GY Datasheet HTML 21Page - Monolithic Power Systems MP4655GY Datasheet HTML 22Page - Monolithic Power Systems MP4655GY Datasheet HTML 23Page - Monolithic Power Systems MP4655GY Datasheet HTML 24Page - Monolithic Power Systems MP4655GY Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
21
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
output to drive the dimming MOSFET directly,
which helps achieve fast and high-contrast ratio
PWM dimming.
The MP4655 achieves a 1000:1 PWM dimming
ratio at 200Hz PWM dimming frequency (0.1%
minimum PWM dimming duty). The PWM
dimming ratio may decrease with a higher PWM
dimming frequency.
For analog dimming mode, a DC voltage on
ADIM or a pulse signal on ADIMP can be used.
For DC input analog dimming, apply a DC analog
signal from 0V to 2.4V on ADIM to dim the LED
current amplitude from 0 to 100%. ADIMP can be
left open or pulled high to VCC through a 100kΩ
resistor in this mode.
For analog dimming with a pulse input signal,
apply the pulse signal on ADIMP and a 100nF
capacitor on ADIM, depending on the frequency
of this pulse signal. The duty cycle of this pulse
signal from 0 to 100% dims the LED current from
0 to 100%.
The PWM dimming and analog dimming could be
applied to the IC simultaneously for an extra
dimming ratio.
Protection Features
The MP4655 integrates sufficient protection for
the LLC power stage, the output system voltage
stage, and the LED driver stage.
Capacitive Mode Protection for the LLC
Power Stage
The MP4655 integrates individual capacitive
mode protection for the LLC power stage by
detecting the secondary side signal. Feed back
the secondary side winding voltage to CMODE
for capacitive mode protection. When capacitive
mode is detected, the MP4655 discharges the
SS voltage and increases the LLC operating
frequency. If the capacitive mode is still detected
when the operating frequency is higher than the
threshold frequency setting by FTH_CMODE, the
IC latches up and outputs a high fault indicator.
System Voltage Stage Protection
The protections for the system voltage stage
include over-system voltage protection, short
protection, and open-feedback loop protection.
1. Over-system voltage protection
VFB senses the output system voltage for
regulation and over-voltage protection. If the VFB
voltage is higher than 1.25VREF, the MP4655
triggers the over-system voltage protection and
latches up. The fault indicator output is high.
2. System voltage stage short protection
VOCP senses the current through the output
system voltage stage for short protection of the
system voltage stage. If the voltage on VOCP is
lower than -203mV for 7µs, the MP4655 latches
up and outputs a high fault indicator.
3. System
voltage
stage
open-feedback
protection
During the PWM dimming off interval, if the VFB
voltage is lower than 50% of its reference and
VCOMP is saturated for 512 switching cycles, the
IC latches up and outputs a high fault indicator.
During the PWM dimming on interval, if the VFB
voltage is lower than 50% of its reference voltage
and DCOMP is high for 512 cycles, the IC
latches up and outputs a high fault indicator.
LED Driver Stage Protection
The fault protection for the LED driver stage
includes the open LED protection, short LED
protection, over-LED current protection, open
feedback loop protection, and protection for any
point of the LED string shorting to ground.
The voltage of the LED strings is sensed on
VLED1 and VLED2. Both the maximum value
and the difference in voltages of VLED1 and
VLED2 are used for protection. When the
maximum value of VLED1 and VLED2 rises
higher than 2.41V or the difference in the
voltages rises higher than 150mV for 8µs, the IC
triggers over-LED voltage protection (the voltage
difference can be adjusted by the external input
resistance on VLED1 or VLED2).
DIMO is pulled low, and the output system
voltage is regulated by the LLC frequency control,
the same as in PWM off condition, and the fault
indicator output is high. If the maximum value of
VLED1 and VLED2 rises higher than 3V for 7.6µs,
the MP4655 latches up and disables the LLC
power stage to avoid any damage to the LED
driver stage. The fault indicator output is high.
The secondary side current of the LED driver
stage is sensed on IOCP/FAULT. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com