Electronic Components Datasheet Search
  English  ▼

X  

MP4655GY Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP4655GY
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655GY Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP4655GY Datasheet HTML 22Page - Monolithic Power Systems MP4655GY Datasheet HTML 23Page - Monolithic Power Systems MP4655GY Datasheet HTML 24Page - Monolithic Power Systems MP4655GY Datasheet HTML 25Page - Monolithic Power Systems MP4655GY Datasheet HTML 26Page - Monolithic Power Systems MP4655GY Datasheet HTML 27Page - Monolithic Power Systems MP4655GY Datasheet HTML 28Page - Monolithic Power Systems MP4655GY Datasheet HTML 29Page - Monolithic Power Systems MP4655GY Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
26
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Analog Dimming (ADIM, ADIMP)
The MP4655 implements either DC analog
dimming or pulse analog dimming for the LED
current (see Table 1).
For DC input analog dimming, apply a 0V to 2.4V
DC voltage on ADIM to program the LED current
from 0 to 100%. ADIMP is left open or pulled high
above 5V.
For pulse input analog dimming, apply the pulse
analog dimming signal on ADIMP and a capacitor
on ADIM. A duty cycle on the pulse analog
dimming signal from 0 to 100% dims the LED
current from 0 to 100%. A lower frequency of the
pulse analog dimming signal requires a larger
capacitor on ADIM. For a 10kHz pulse signal, a
capacitor
100nF
or
above
on
ADIM
is
recommended.
If analog dimming is not required, pull ADIM high
and leave ADIMP open. Analog dimming and
PWM dimming can be applied together.
Table 1: MP4655 Dimming Connections
Items
ADIM
ADIMP
PWM
Only DC input
analog
dimming
DC analog
dimming
signal 0 to
2.4V
Float or pulled
high above 5V
Pull high
Only pulse
input analog
dimming
Capacitor
Pulse analog
dimming signal
Pull high
Only PWM
dimming
Pull high
Float
PWM
PWM + DC
input analog
dimming
DC analog
dimming
signal 0-
2.4V
Float or pull
high above 5V
PWM
PWM + pulse
analog dimming
Capacitor
Pulse analog
dimming signal
PWM
Supply Input (VIN)
VIN is the supply input voltage of the IC. Bypass
VIN with a ceramic capacitor 0.47µF or larger.
LLC Gate Driver (VCC, GL, GR)
VCC supplies the gate drive signals GL, GR,
DIMO, and the charge pump from CFLY. Bypass
VCC with a ceramic capacitor 1µF or larger. VCC
can also be used to supply an external circuit. To
avoid noise during layout, place the VCC
capacitor directly between VCC and GND with a
short and separate wire.
GL and GR provide the driving signal for the LLC
power stage. GL and GR are 180 degree phase
shifted gate drive signals. With their enhanced
drive capability, GL and GR can directly drive the
external LLC MOSFETs in the power stage
through a gate driving transformer.
The gate driving transformer also isolates the
primary power stage and the secondary control
circuit. Place a 2.2nF Y-cap between the power
stage ground and the reference ground for the
control circuit to improve EMI performance. The
primary
inductance
of
the
gate
driving
transformer influences its magnetic current,
which is also supplied by the IC. The primary
inductance should be larger than 1mH, and is
recommended to be over 2mH.
Extra NMOS Gate Driver (CFLY, VDR_DN,
GATEN, SOURCE)
GATEN and SOURCE are connected to the extra
duty-controlled NMOS’ gate and source. They
provide a floating driving signal for the duty-
controlled NMOS. A resistor on GATEN can
adjust the driving speed.
CFLY and VDR_DN provide a charge pump
supply for GATEN referred to SOURCE. Connect
a flying capacitor 100nF or above on CFLY, and
diodes on SOURCE and VDR_DN, as shown in
the typical application circuit.
LED Driver Stage Enable Signal (EN_LED)
EN_LED is connected to the enable signal for the
LED driver stage. Logic high enables the LED
driver stage and logic low disables the LED driver
stage. When the LED driver stage fault is
triggered but the IC is not latched up, toggle the
enable signal to restart the LED driver stage.
System Enable Signal (PS_ON)
PS_ON is connected to the enable signal or
standby signal. The voltage level on PS_ON
determines the operation of the IC as follows:
1. PS_ON > 2V: the IC is enabled in normal
operation mode.
2. 0.8V < PS_ON ≤ 2V for 1ms: the IC is
disabled and no circuits work.
3. PS_ON ≤ 0.8V: the IC is enabled in
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com