Electronic Components Datasheet Search
  English  ▼

X  

MP4655GY Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4655GY
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655GY Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4655GY Datasheet HTML 2Page - Monolithic Power Systems MP4655GY Datasheet HTML 3Page - Monolithic Power Systems MP4655GY Datasheet HTML 4Page - Monolithic Power Systems MP4655GY Datasheet HTML 5Page - Monolithic Power Systems MP4655GY Datasheet HTML 6Page - Monolithic Power Systems MP4655GY Datasheet HTML 7Page - Monolithic Power Systems MP4655GY Datasheet HTML 8Page - Monolithic Power Systems MP4655GY Datasheet HTML 9Page - Monolithic Power Systems MP4655GY Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
6
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 13V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Analog Dimming
Analog dimming full scale
VADMAX
VIFB = 200mV
2.32
2.39
2.46
V
Dimming linearity
VIFB_ADIM
VADIM = 1.2V
100
mV
Dimming linearity
VIFB_ADIM
VADIM = 0.8V
66.8
mV
Dimming linearity
VIFB_ADIM
VADIM = 0.3V
25
mV
Dimming linearity
VIFB_ADIM
VADIM = 0.1V
8.5
mV
ADIMP logic high
VADIM_PHI
1.8
3.5
V
ADIMP logic low
VADIM_PLO
0.9
V
ADIMP pull-up resistor
RADIM_P_UP
1.5
MΩ
ADIMP disable threshold
4.7
V
PWM Dimming
PWM logic high threshold
VTH-PWM
PWM dimming
1.4
17
2
V
PWM logic input hysteresis
VTH-PWM-Hyst
PWM dimming
0.6
V
Operating Frequency
Minimum frequency set voltage
VFSET
IFB = 0.1V, PWMIN = high
1.65
1.73
1.83
V
Minimum operating frequency
Fmin_op
RFSET = RSS_FSET = 300kΩ,
IFB = 0.1V, PWMIN = high
42.5
kHz
Maximum operating frequency
Fmax_op
RFSET = RSS_FSET = 300kΩ,
IFB = 0.21V, PWMIN = high
130
kHz
Output PWM Dimming Signal for LED (DIMO)
Logic high voltage
VH-DIMO
Normal operation
12.5
V
Logic low voltage
VL-DIMO
At fault condition,
or PWMIN is low
0.1
V
DIMO up-side resistance
20mA drive source current
for design
62
Ω
DIMO low-side resistance
100mA drive sink current
for design
7
Ω
LED Stage Enable (EN_LED)
EN_LED logic high threshold
VTH-EN_LED
EN_LED rising
1.4
1.7
2
V
EN_LED logic input hysteresis
VTH-ENLED-Hyst
0.6
V
IC Enable Signal (PS_ON)
Threshold for IC standby
Vth_PS_ON_STB
Rising edge
0.7
0.8
0.9
V
Duration time to shut down IC
Vth_PS_ON_STB < VPS_ON <
Vth_PS_ON
1
ms
Threshold to turn on IC to
operate normally
Vth_PS_ON
1.9
2
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com