Electronic Components Datasheet Search
  English  ▼

X  

SFH-5712 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5712 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-5712 Datasheet HTML 4Page - OSRAM GmbH SFH-5712 Datasheet HTML 5Page - OSRAM GmbH SFH-5712 Datasheet HTML 6Page - OSRAM GmbH SFH-5712 Datasheet HTML 7Page - OSRAM GmbH SFH-5712 Datasheet HTML 8Page - OSRAM GmbH SFH-5712 Datasheet HTML 9Page - OSRAM GmbH SFH-5712 Datasheet HTML 10Page - OSRAM GmbH SFH-5712 Datasheet HTML 11Page - OSRAM GmbH SFH-5712 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SFH 5712
2010-03-31
8
Binning (
T
A = 25 °C)
Parameter
Symbol
Value
Unit
-2
-3
Output signal
E
V = 1000lx (white LED LW 541C)
Out
500...1000
800...1600
count
Pin functions
Pin
Description
V
DD
supply voltage
GND
ground
SCL
I²C bus clock serial I/O terminal (SCL)
SDA
I²C bus serial data I/O terminal (SDA)
Figure 1
Circuitry
OHF04366
A
D
A/D
converter
Amplifier
Photo-
diode
V
DD
SDA
SCL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com