Electronic Components Datasheet Search
  English  ▼

X  

SFH-5712 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5712 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-5712 Datasheet HTML 6Page - OSRAM GmbH SFH-5712 Datasheet HTML 7Page - OSRAM GmbH SFH-5712 Datasheet HTML 8Page - OSRAM GmbH SFH-5712 Datasheet HTML 9Page - OSRAM GmbH SFH-5712 Datasheet HTML 10Page - OSRAM GmbH SFH-5712 Datasheet HTML 11Page - OSRAM GmbH SFH-5712 Datasheet HTML 12Page - OSRAM GmbH SFH-5712 Datasheet HTML 13Page - OSRAM GmbH SFH-5712 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SFH 5712
2010-03-31
10
Appendix 1: Flicker reduction and timing
Sensor is smoothing the output signal by averaging up to 32 single measurements. Flicker caused by
artificial light sources e.g. from fluorescent lamps usually occurs at 100Hz or 120Hz. Oscillation of the
optical input signal will be reduced by 13dB at the output for sinus signals. E.g. the sensor output varation
will only be 5% of the optical input peak to peak variation from fluorescent light. The flicker reduction is
calculated by the relative variation of the optical input signal (a/A) compared to the sensor output (b/B),
see figure 2.
Figure 2 flicker reduction (average of 32 measurements)
To achieve the maximum flicker reduction performance the 32fold averaged output value should be
used. Typically 186ms (max. 250ms) after sensor activation the first full averaged signal can be read at
the sensor output. The sensor allows to read intermediate signal output values prior to 250ms (see
figure 3):
- single measurement after typ. 1ms
- average of 8 measurements after typ 45ms
- average of 16 measurements after typ 92ms
After the first full averaged measurement value (t>250ms) the output will be refreshed automatically
twice a second with 32fold averaged values. Single, 8 and 16fold averaged measurements are only
performed after activation of the sensor.
OHF04362
Time
a
b
SFH 5712 out (B)
Actual light level
10log [(b/B) / (a/A)]
SFH 5712 Out
optical input (A) and
Average signal level of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com