Electronic Components Datasheet Search
  English  ▼

X  

SFH-5712 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5712 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-5712 Datasheet HTML 1Page - OSRAM GmbH SFH-5712 Datasheet HTML 2Page - OSRAM GmbH SFH-5712 Datasheet HTML 3Page - OSRAM GmbH SFH-5712 Datasheet HTML 4Page - OSRAM GmbH SFH-5712 Datasheet HTML 5Page - OSRAM GmbH SFH-5712 Datasheet HTML 6Page - OSRAM GmbH SFH-5712 Datasheet HTML 7Page - OSRAM GmbH SFH-5712 Datasheet HTML 8Page - OSRAM GmbH SFH-5712 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SFH 5712
2010-03-31
3
Addressing for basic operation
I
2C interface
• 1.8V IO-logic level for SDA and SCL
• IO-pins are open drain type and logic high level is set with external pull-up resistor
•SFH 5712-1/2 operates always as slave, address is 0x29 (7bits). Bit 0 is used to change between
Read (R/W bit =1) and Write mode (R/W bit =0)..
• Designed for the I
2C-High Speed modes (3.4Mbit/s)
• see I
2C Bus specification UM10204 from NXP for detailed information
• Spikes up to 10 ns are suppressed on SDA & SCL
Address 0x29
Bit
7
6
5
4
3
2
1
0
Address
R/W bit
default
0
1
0
1
0
0
1
X
S Address 0x29 W
Communication from master to SFH 5712
Communication from SFH 5712 to master
W= Master writes
R = Master reads
A = acknowledge
LSB = least significant byte
Register 0x80
A
A
0x03
A P
S Address 0x29 W
Register 0x8C
A
A P
S Address 0x29 R
LSB DATA
A
NA P
S Address 0x29 W
Register 0x8D
A
A P
S Address 0x29 R
MSB DATA
A
NA P
S Address 0x29 W
Register 0x80
A
A
0x00
A P
NA= not acknowledge
S = START condition
P = STOP condition
MSB = most significant byte
S Address 0x29 W
Communication from master to SFH 5712
Communication from SFH 5712 to master
W= Master writes
R = Master reads
A = acknowledge
LSB = least significant byte
Register 0x80
A
A
0x03
A P
S Address 0x29 W
Register 0x8C
A
A P
S Address 0x29 R
LSB DATA
A
NA P
S Address 0x29 W
Register 0x8D
A
A P
S Address 0x29 R
MSB DATA
A
NA P
S Address 0x29 W
Register 0x80
A
A
0x00
A P
NA= not acknowledge
S = START condition
P = STOP condition
MSB = most significant byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com