Electronic Components Datasheet Search
  English  ▼

X  

SFH-5712 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5712 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-5712 Datasheet HTML 1Page - OSRAM GmbH SFH-5712 Datasheet HTML 2Page - OSRAM GmbH SFH-5712 Datasheet HTML 3Page - OSRAM GmbH SFH-5712 Datasheet HTML 4Page - OSRAM GmbH SFH-5712 Datasheet HTML 5Page - OSRAM GmbH SFH-5712 Datasheet HTML 6Page - OSRAM GmbH SFH-5712 Datasheet HTML 7Page - OSRAM GmbH SFH-5712 Datasheet HTML 8Page - OSRAM GmbH SFH-5712 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SFH 5712
2010-03-31
2
Application diagram and basic operation
Proposed size for the pull-up resistor is 560
W
Basic operation
Register address
Command
Action
switch V
DD on
Wait >1ms
0x80
Write 03
Ambient Light Sensor in ACTIVE mode
Wait >250 ms
0x8C
Read data
read LSB data from ambient light measurement
(LSB = least significant Byte of 16bit output)
0x8D
Read data
read MSB data from ambient light measurement
(MSB = most significant Byte of 16bit output)
0x80
Write 00
Ambient Light Sensor in STAND-BY mode
SFH 5712
1
2
4
3
GND
V
DD
SDA
SCL
MCU
V
DD = 2.5V
100nF
V
IO = 1.8V
IIO
SFH 5712
1
2
4
3
GND
V
DD
SDA
SCL
MCU
V
DD = 2.5V
100nF
V
IO = 1.8V
SFH 5712
1
2
4
3
GND
V
DD
SDA
SCL
MCU
V
DD = 2.5V
100nF
V
IO = 1.8V
IIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com