Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 1 Page - Linear Technology

  LT3045 Datasheet HTML 1Page - Linear Technology LT3045 Datasheet HTML 2Page - Linear Technology LT3045 Datasheet HTML 3Page - Linear Technology LT3045 Datasheet HTML 4Page - Linear Technology LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT3045
1
3045fa
For more information www.linear.com/LT3045
Typical applicaTion
FeaTures
DescripTion
20V, 500mA, Ultralow Noise,
Ultrahigh PSRR Linear Regulator
The LT®3045 is a high performance low dropout linear
regulator featuring LTC’s ultralow noise and ultrahigh
PSRR architecture for powering noise sensitive applica-
tions. Designed as a precision current reference followed
by a high performance voltage buffer, the LT3045 can be
easily paralleled to further reduce noise, increase output
current and spread heat on the PCB.
The device supplies 500mA at a typical 260mV dropout
voltage. Operating quiescent current is nominally 2.2mA
and drops to <<1µA in shutdown. The LT3045’s wide
output voltage range (0V to 15V) while maintaining unity-
gain operation provides virtually constant output noise,
PSRR, bandwidth and load regulation, independent of the
programmed output voltage. Additionally, the regulator
features programmable current limit, fast start-up capa-
bility and programmable power good to indicate output
voltage regulation.
TheLT3045isstablewithaminimum 10µFceramicoutput
capacitor. Built-in protection includes reverse-battery
protection, reverse-current protection, internal current
limit with foldback and thermal limit with hysteresis. The
LT3045 is available in thermally enhanced 12-Lead MSOP
and 10-Lead 3mm
× 3mm DFN packages.
Power Supply Ripple Rejection
applicaTions
n
Ultralow RMS Noise: 0.8µVRMS (10Hz to 100kHz)
n
Ultralow Spot Noise: 2nV/√Hz at 10kHz
n
Ultrahigh PSRR: 76dB at 1MHz
n
Output Current: 500mA
n
Wide Input Voltage Range: 1.8V to 20V
n
Single Capacitor Improves Noise and PSRR
n
100µA SET Pin Current: ±1% Initial Accuracy
n
Single Resistor Programs Output Voltage
n
High Bandwidth: 1MHz
n
Programmable Current Limit
n
Low Dropout Voltage: 260mV
n
Output Voltage Range: 0V to 15V
n
Programmable Power Good
n
Fast Start-Up Capability
n
Precision Enable/UVLO
n
Parallelable for Lower Noise and Higher Current
n
Internal Current Limit with Foldback
n
Minimum Output Capacitor: 10µF Ceramic
n
Reverse-Battery and Reverse-Current Protection
n
12-Lead MSOP and 10-Lead 3mm × 3mm DFN Packages
n
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
n
Very Low Noise Instrumentation
n
High Speed/High Precision Data Converters
n
Medical Applications: Imaging, Diagnostics
n
Precision Power Supplies
n
Post-Regulator for Switching Supplies
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. Patents pending. All other trademarks are the property of their respective owners.
VIN = 5V
RSET = 30.1k
CSET = 4.7µF
COUT = 10µF
IL = 500mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
3045 TA01b
100µA
IN
EN/UV
PG
GND
OUT
LT3045
ILIM
PGFB
402k
10µF
4.7µF*
*OPTIONAL, SEE
APPLICATIONS
INFORMATION
VIN
5V ±5%
200k
4.7µF
VOUT
3V
IOUT(MAX)
500mA
49.9k
3045 TA01a
249
30.1k
SET
OUTS


Similar Part No. - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3045 AD-LT3045 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3045 AD-LT3045 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3045 AD-LT3045 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
LT3045 AD-LT3045 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
More results

Similar Description - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
500mA High PSRR, Linear Regulator
VER 1.2
logo
Linear Technology
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com