Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology LT3045 Datasheet HTML 26Page - Linear Technology LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology LT3045 Datasheet HTML 29Page - Linear Technology LT3045 Datasheet HTML 30Page - Linear Technology LT3045 Datasheet HTML 31Page - Linear Technology LT3045 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LT3045
28
3045fa
For more information www.linear.com/LT3045
Typical applicaTions
Low Noise Wheatstone Bridge Power Supply
10µF
33.2k
4.7µF
200k
453k
49.9k
4.7µF
R2
R1
R3
+
–
R4
VIN
5V ±5%
OUT
IN
SET
LT3045
3045 TA10
VOUT: 3.3V AND IOUT(MAX): 500mA
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
RESISTOR
TOLERANCE
BRIDGE PSRR NOISE AT VBRIDGE
USING LT1763
1%
5%
40dB
26dB
8nVRMS
42.5nVRMS
PERFECT
MATCHING
INFINITE
–
NOISE AT VBRIDGE
USING LT3045
200nVRMS
1000nVRMS
–
LT1763 NOISE: 20µVRMS (10Hz TO 100kHz)
LT3045 NOISE: 0.8µVRMS (10Hz TO 100kHz)
VBRIDGE
PGFB Disabled without Reverse Input Protection
PGFB Disabled with Reverse Input Protection
RSET
10µF
0.47µF
4.7µF
VIN
OUT
IN
SET
LT3045
VOUT
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
3045 TA11
0.47µF
10µF
1N4148
4.7µF
RSET
VIN
OUT
IN
SET
LT3045
VOUT
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
3045 TA12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com