Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology LT3045 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LT3045
15
3045fa
For more information www.linear.com/LT3045
applicaTions inForMaTion
The LT3045 is a high performance low dropout linear
regulator featuring LTC’s ultralow noise (2nV/√Hz at
10kHz) and ultrahigh PSRR (76dB at 1MHz) architecture
for powering noise sensitive applications. Designed as a
precision current source followed by a high performance
rail-to-rail voltage buffer, the LT3045 can be easily paral-
leled to further reduce noise, increase output current and
spread heat on the PCB. The device additionally features
programmable current limit, fast start-up capability and
programmable power good.
The LT3045 is easy to use and incorporates all of the pro-
tection features expected in high performance regulators.
Included are short-circuit protection, safe operating area
protection, reverse battery protection, reverse current
protection, and thermal shutdown with hysteresis.
Output Voltage
TheLT3045incorporatesaprecision100µAcurrentsource
flowing out of the SET pin, which also ties to the error
amplifier’sinvertinginput.Figure1illustratesthatconnect-
ing a resistor from SET to ground generates a reference
voltage for the error amplifier. This reference voltage is
simply the product of the SET pin current and the SET
pin resistor. The error amplifier’s unity-gain configuration
produces a low impedance version of this voltage on its
noninverting input, i.e. the OUTS pin, which is externally
tied to the OUT pin.
The LT3045’s rail-to-rail error amplifier and current refer-
ence allows for a wide output voltage range from 0V (us-
ing a 0Ω resistor) to VIN minus dropout — up to 15V. A
PNP-based input pair is active for 0V to 0.6V output and an
NPN-based input pair is active for output voltages greater
than 1.3V, with a smooth transition between the two input
pairs from 0.6V to 1.3V output. While the NPN-based input
pair is designed to offer the best overall performance, refer
to the Electrical Characteristics Table for details on offset
voltage, SET pin current, output noise and PSRR variation
with the error amp input pair. Table 1 lists many common
outputvoltagesandtheircorresponding1%RSETresistors.
Table 1. 1% Resistor for Common Output Voltages
VOUT (V)
RSET (kΩ)
2.5
24.9
3.3
33.2
5
49.9
12
121
15
150
The benefit of using a current reference compared with
a voltage reference as used in conventional regulators is
that the regulator always operates in unity gain configura-
tion, independent of the programmed output voltage. This
allows the LT3045 to have loop gain, frequency response
and bandwidth independent of the output voltage. As a
result, noise, PSRR and transient performance do not
change with output voltage. Moreover, since none of the
error amp gain is needed to amplify the SET pin voltage
to a higher output voltage, output load regulation is more
tightly specified in the hundreds of microvolts range and
not as a fixed percentage of the output voltage.
Since the zero TC current source is highly accurate, the
SET pin resistor can become the limiting factor in achiev-
ing high accuracy. Hence, it should be a precision resistor.
Additionally, any leakage paths to or from the SET pin
create errors in the output voltage. If necessary, use high
quality insulation (e.g., Teflon, Kel-F); moreover, clean-
ing of all insulating surfaces to remove fluxes and other
residues may be required. High humidity environments
may require a surface coating at the SET pin to provide
a moisture barrier.
Minimize board leakage by encircling the SET pin with a
guard ring operated at a potential close to itself — ideally
tied to the OUT pin. Guarding both sides of the circuit
board is recommended. Bulk leakage reduction depends
100µA
IN
EN/UV
PGFB
GND
OUT
LT3045
ILIM
PG
10µF
4.7µF
VIN
5V ±5%
0.47µF
VOUT, 3.3V
IOUT(MAX), 500mA
3045 F01
33.2k
SET
OUTS
Figure 1. Basic Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com