Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 4 Page - Linear Technology

  LT3045 Datasheet HTML 1Page - Linear Technology LT3045 Datasheet HTML 2Page - Linear Technology LT3045 Datasheet HTML 3Page - Linear Technology LT3045 Datasheet HTML 4Page - Linear Technology LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT3045
4
3045fa
For more information www.linear.com/LT3045
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EN/UV Pin Current
VEN/UV = 0V, VIN = 20V
VEN/UV = 1.24V, VIN = 20V
VEN/UV = 20V, VIN = 0V
l
l
0.03
8
±1
15
µA
µA
µA
Quiescent Current in
Shutdown (VEN/UV = 0V)
VIN = 6V
TJ ≤ 125°C (E/I-Grade)
TJ ≤ 150°C (H-Grade)
l
l
0.3
1
10
20
µA
µA
µA
Internal Current Limit
(Note 12)
VIN = 2V, VOUT = 0V
VIN = 12V, VOUT = 0V
VIN = 20V, VOUT = 0V
l
l
570
230
710
700
330
850
430
mA
mA
mA
Programmable
Current Limit
Programming Scale Factor: 2V < VIN < 20V (Note 11)
VIN = 2V, VOUT = 0V, RILIM = 300Ω
VIN = 2V, VOUT = 0V, RILIM = 1.5kΩ
l
l
450
90
150
500
100
550
110
mA • kΩ
mA
mA
PGFB Trip Point
PGFB Trip Point Rising
l
291
300
309
mV
PGFB Hysteresis
PGFB Trip Point Hysteresis
7
mV
PGFB Pin Current
VIN = 2V, VPGFB = 300mV
25
nA
PG Output Low Voltage
IPG = 100µA
l
30
100
mV
PG Leakage Current
VPG = 20V
l
1
µA
Reverse Input Current
VIN = –20V, VEN/UV = 0V, VOUT = 0V, VSET = 0V
l
100
µA
Reverse Output Current
VIN = 0, VOUT = 5V, SET = Open
14
25
µA
Minimum Load Required
(Note 13)
VOUT < 1V
l
10
µA
Thermal Shutdown
TJ Rising
Hysteresis
165
8
°C
°C
Start-Up Time
VOUT(NOM) = 5V, ILOAD = 500mA, CSET = 0.47µF, VIN = 6V, VPGFB = 6V
VOUT(NOM) = 5V, ILOAD = 500mA, CSET = 4.7µF, VIN = 6V, VPGFB = 6V
VOUT(NOM) = 5V, ILOAD = 500mA, CSET = 4.7µF, VIN = 6V, RPG1 = 50kΩ,
RPG2 = 700kΩ (with Fast Start-Up to 90% of VOUT)
55
550
10
ms
ms
ms
Thermal Regulation
10ms Pulse
–0.01
%/W
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The EN/UV pin threshold must be met to ensure device operation.
Note 3: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current, especially due to the
internal current limit foldback which starts to decrease current limit at
VIN – VOUT > 12V. If operating at maximum output current, limit the input
voltage range. If operating at the maximum input voltage, limit the output
current range.
Note 4: OUTS ties directly to OUT.
Note 5: Dropout voltage is the minimum input-to-output differential
voltage needed to maintain regulation at a specified output current. The
dropout voltage is measured when output is 1% out of regulation. This
definition results in a higher dropout voltage compared to hard dropout
— which is measured when VIN = VOUT(NOMINAL). For lower output
voltages, below 1.5V, dropout voltage is limited by the minimum input
voltage specification. For DFN package: Linear Technology is unable to
guarantee maximum dropout voltage specifications at high currents
due to production test limitations with Kelvin-sensing the package
pins. Please consult the Typical Performance Characteristics for curves
of dropout voltage as a function of output load current and temperature
measured in a typical application circuit.
Note 6: GND pin current is tested with VIN = VOUT(NOMINAL) and a current
source load. Therefore, the device is tested while operating in dropout. This
is the worst-case GND pin current. GND pin current decreases at higher
input voltages. Note that GND pin current does not include SET pin or ILIM
pin current but Quiescent current does include them.
Note 7: SET and OUTS pins are clamped using diodes and two 25Ω series
resistors. For less than 5ms transients, this clamp circuitry can carry
more than the rated current. Refer to Applications Information for more
information.
Note 8: Adding a capacitor across the SET pin resistor decreases output
voltage noise. Adding this capacitor bypasses the SET pin resistor’s
thermal noise as well as the reference current’s noise. The output noise
then equals the error amplifier noise. Use of a SET pin bypass capacitor
also increases start-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com