Electronic Components Datasheet Search
  English  ▼

X  

LT3955 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3955 Datasheet HTML 10Page - Linear Technology LT3955 Datasheet HTML 11Page - Linear Technology LT3955 Datasheet HTML 12Page - Linear Technology LT3955 Datasheet HTML 13Page - Linear Technology LT3955 Datasheet HTML 14Page - Linear Technology LT3955 Datasheet HTML 15Page - Linear Technology LT3955 Datasheet HTML 16Page - Linear Technology LT3955 Datasheet HTML 17Page - Linear Technology LT3955 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LT3955
14
3955fb
For more information www.linear.com/LT3955
applicaTions inFormaTion
FB
LT3955
VOUT
R4
100k
3955 F03
R3
LED
ARRAY
RSEN(EXT)
COUT
+
–
Figure 3. Feedback Resistor Connection for
Buck Mode or Buck-Boost Mode LED Driver
feature minimizes recovery time when the PWM signal
goes high. To further improve the recovery time, a dis-
connect switch may be used in the LED current path to
prevent the ISP node from discharging during the PWM
signal low phase.
The minimum PWM on or off time is affected by choice
of operating frequency and external component selection.
The best overall combination of PWM and analog dimming
capability is available if the minimum PWM pulse is at least
six switching cycles.
A low duty cycle PWM signal can cause excessive start-up
timesifitwereallowedtointerruptthesoft-startsequence.
Therefore, once start-up is initiated by PWM > 1.3V, it will
ignore a logical disable by the external PWM input signal.
The device will continue to soft-start with switching and
PWMOUT enabled until either the voltage at SS reaches
the 1V level, or the output current reaches one-tenth of
the full-scale current. At this point the device will begin
following the dimming control as designated by PWM.
PWM Dimming Signal Generator
The LT3955 features a PWM dimming signal generator
withprogrammabledutycycle.Thefrequencyofthesquare
wave signal at PWMOUT is set by a capacitor CPWM from
the PWM pin to GND according to the equation:
fPWM = 14kHz • nF/CPWM
The duty cycle of the signal at PWMOUT is set by a µA
scale current into the DIM/SS pin (see Figure 4).
Figure 4. PWMOUT Duty Ratio vs DIM Voltage for RDIM = 124k
ISP/ISN Short-Circuit Protection Feature
The ISP/ISN pins have a protection feature independent
of their LED current sense feature. The purpose of this
feature is to prevent the development of excessive cur-
rents that could damage the power components or the
load. The action threshold (VISP-ISN > 600mV, typical) is
above the default LED current sense threshold, so that no
interference will occur with current regulation. Exceeding
the threshold activates pull-downs on the DIM/SS and
PWM pins and causes the power switch to be turned off,
and the PWMOUT pin to be driven low for at least 4µs.
If an overcurrent condition is sensed at ISP/ISN and the
PWM pin is configured either to make an internal dimming
signal, or for always-on operation as shown in the appli-
cation titled Boost LED Driver with Output Short-Circuit
Protection, then the LT3955 will enter a hiccup mode of
operation. In this mode, after the initial response to the
fault, the PWMOUT pin re-enables the output switch at an
interval set by the capacitor on the PWM pin. If the fault
is still present, the PWMOUT pin will go low after a short
delay (typically 7µs) and turn off the output switch. This
fault-retry sequence continues until the fault is no longer
present in the output.
PWM Dimming Control
There are two methods to control the current source for
dimming using the LT3955. One method uses the CTRL
pin to adjust the current regulated in the LEDs. A second
method uses the PWM pin to modulate the current source
between zero and full current to achieve a precisely pro-
grammed average current. To make PWM dimming more
accurate, the switch demand current is stored on the VC
node during the quiescent phase when PWM is low. This
DIM VOLTAGE (V)
0
100
60
20
80
40
0
2
6
4
3955 F04
8
CPWM = 47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com