Electronic Components Datasheet Search
  English  ▼

X  

LT3955 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3955 Datasheet HTML 20Page - Linear Technology LT3955 Datasheet HTML 21Page - Linear Technology LT3955 Datasheet HTML 22Page - Linear Technology LT3955 Datasheet HTML 23Page - Linear Technology LT3955 Datasheet HTML 24Page - Linear Technology LT3955 Datasheet HTML 25Page - Linear Technology LT3955 Datasheet HTML 26Page - Linear Technology LT3955 Datasheet HTML 27Page - Linear Technology LT3955 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LT3955
24
3955fb
For more information www.linear.com/LT3955
Boost LED Driver with Output Short-Circuit Protection with Internally Generated PWM
Waveform for LED Shorted to GND
Typical applicaTions
1ms/DIV
3955 TA03b
PWMOUT
5V/DIV
DIM = 8V
ILED
0.5A/DIV
VLED+
20V/DIV
20µs/DIV
3955 TA03c
PWMOUT
10V/DIV
ILED
0.2A/DIV
VIN = 24V, DIM = 0V
PWM Dimming Waveform
VIN
SW
LT3955
L1
22µH
GNDK
GND
VC
RT
INTVCC
EN/UVLO
PGND
VREF
ISP
1M
100k
INTVCC
499k
2.2µF
50V
×2
2.2µF
100V
×2
4.7nF
VIN
6V TO 40V
47nF
10nF
107k
5.1k
28.7k
350kHz
121k
124k
20k
CTRL
24.9k
1M
1k
0.5
500mA
1µF
INTVCC
VMODE
DIM/SS
DIM
PWM
ISN
FB
SYNC
PWMOUT
M1
LED+
2.4k
1k
20W
LED
STRING
OPTIONAL CIRCUIT FOR
ALWAYS-ON OPERATION
M1: VISHAY Si7113DN
L1: COILTRONICS DR125-220-R
D1: DIODES PDS3100
D2: VISHAY 10BQ100
Q1: ZETEX FMMT493
Q2: ZETEX FMMT 593
OPTION FOR INTERNAL
PWM DIMMING
3955 TA03a
D2
Q1
Q2
28k
1N4148
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com