Electronic Components Datasheet Search
  English  ▼

X  

LT3955 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3955 Datasheet HTML 15Page - Linear Technology LT3955 Datasheet HTML 16Page - Linear Technology LT3955 Datasheet HTML 17Page - Linear Technology LT3955 Datasheet HTML 18Page - Linear Technology LT3955 Datasheet HTML 19Page - Linear Technology LT3955 Datasheet HTML 20Page - Linear Technology LT3955 Datasheet HTML 21Page - Linear Technology LT3955 Datasheet HTML 22Page - Linear Technology LT3955 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT3955
19
3955fb
For more information www.linear.com/LT3955
applicaTions inFormaTion
best reliability, this capacitor should have low ESR and
ESL and have an adequate ripple current rating.
Table 3. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
WEB
TDK
www.tdk.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Output Capacitor Selection
The selection of the output capacitor depends on the load
and converter configuration, i.e., step-up or step-down
and the operating frequency. For LED applications, the
equivalent resistance of the LED is typically low and the
output filter capacitor should be sized to attenuate the
current ripple. Use of X7R type ceramic capacitors is
recommended.
To achieve the same LED ripple current, the required filter
capacitor is larger in the boost and buck-boost mode ap-
plications than that in the buck mode applications. Lower
operating frequencies will require proportionately higher
capacitor values.
Soft-Start Capacitor Selection
For many applications, it is important to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and output
voltage overshoot. Connect a capacitor from the DIM/SS
pin to GND to use this feature. The soft-start interval is
set by the soft-start capacitor selection according to the
equation:
TSS = CSS •
1.2V
12µA
= CSS •
100µs
nF
provided there is no additional current supplied to the
DIM/SS pin for programming the duty cycle of the PWM
dimming signal generator. A typical value for the soft-start
capacitor is 10nF which gives a 1ms start-up interval. The
soft-start pin reduces the oscillator frequency and the
maximum current in the switch.
The soft-start capacitor discharges if one of the follow-
ing events occurs: the EN/UVLO falls below its threshold;
output overcurrent is detected at the ISP/ISN pins; IC
overtemperature; or INTVCC undervoltage. During start-
up with EN/UVLO, charging of the soft-start capacitor is
enabled after the first PWM high period. In the start-up
sequence,afterswitchingisenabledbyPWMtheswitching
continues until VISP-ISN > 25mV or DIM/SS > 1V. PWM
pin negative edges during this start-up interval are not
processed until one of these two conditions are met so
that the regulator can reach steady state operation shortly
after PWM dimming commences.
Schottky Rectifier Selection
The power Schottky diode conducts current during the
interval when the switch is turned off. Select a diode rated
for the maximum SW voltage of the application and the
RMS diode current. If using the PWM feature for dimming,
it may be important to consider diode leakage, which in-
creases with the temperature, from the output during the
PWM low interval. Therefore, choose the Schottky diode
with sufficiently low leakage current. Table 4 has some
recommended component vendors. The diode current
and VF should be considered when selecting the diode
to be sure that power dissipation does not exceed the
rating of the diode. The power dissipated by the diode in
a converter is:
PD = ID • VF • (1-DMAX)
Itisprudenttomeasurethediodetemperatureinsteadystate
toensurethatitsabsolutemaximumratingsarenotexceeded.
Table 4. Schottky Rectifier Manufacturers
MANUFACTURER
WEB
On Semiconductor
www.onsemi.com
Central Semiconductor
www.centralsemi.com
Diodes, Inc.
www.diodes.com
Inductor Selection
TheinductorusedwiththeLT3955shouldhaveasaturation
current rating appropriate to the maximum switch current
of 4.9A. Choose an inductor value based on operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com