Electronic Components Datasheet Search
  English  ▼

X  

LT3955 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 3 Page - Linear Technology

  LT3955 Datasheet HTML 1Page - Linear Technology LT3955 Datasheet HTML 2Page - Linear Technology LT3955 Datasheet HTML 3Page - Linear Technology LT3955 Datasheet HTML 4Page - Linear Technology LT3955 Datasheet HTML 5Page - Linear Technology LT3955 Datasheet HTML 6Page - Linear Technology LT3955 Datasheet HTML 7Page - Linear Technology LT3955 Datasheet HTML 8Page - Linear Technology LT3955 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT3955
3
3955fb
For more information www.linear.com/LT3955
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, EN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operating Voltage
VIN Tied to INTVCC
l
4.5
V
VIN Shutdown IQ
EN/UVLO = 0V, PWM = 0V
EN/UVLO = 1.15V, PWM = 0V
0.1
1
6
µA
µA
VIN Operating IQ (Not Switching)
PWM = 0V
1.7
2.2
mA
VREF Voltage
–100µA ≤ IVREF ≤ 0µA
l
1.965
2.02
2.06
V
VREF Line Regulation
4.5V ≤ VIN ≤ 60V
0.001
%/V
VREF Pull-Up Current
VREF = 0V
l
150
185
210
µA
SW Pin Current Limit
l
3.5
4.2
4.9
A
SW Pin Leakage
SW = 48V
5
10
µA
SW Pin Voltage Drop
ISW = 2A
200
mV
DIM/SS Pull-Up Current
Current Out of Pin, DIM/SS = 0V
l
10
12
14
µA
DIM/SS Voltage Clamp
IDIM/SS = 0µA
1.2
V
Error Amplifier
Full-Scale ISP/ISN Current Sense Threshold
(VISP–ISN)
CTRL ≥ 1.2V, ISP = 48V, 0V ≤ FB ≤ 1.18V
CTRL ≥ 1.2V, ISN = 0V, 0V ≤ FB ≤ 1.18V
l
l
242
243
250
257
258
268
mV
mV
1/10th Scale ISP/ISN Current Sense Threshold
(VISP–ISN)
CTRL = 0.2V, ISP = 48V, 0V ≤ FB ≤ 1.18V
CTRL = 0.2V, ISN = 0V, 0V ≤ FB ≤ 1.18V
l
l
21
20
25
28
30
36
mV
mV
Mid-Scale ISP/ISN Current Sense Threshold
(VISP–ISN)
CTRL = 0.5V, ISP = 48V, 0V ≤ FB ≤ 1.18V
CTRL = 0.5V, ISN = 0V, 0V ≤ FB ≤ 1.18V
l
l
96
94
100
105
104
115
mV
mV
ISP/ISN Overcurrent Threshold
600
mV
ISP/ISN Current Sense Amplifier Input Common Mode
Range (VISN)
0
80
V
ISP/ISN Input Bias Current High Side Sensing (Combined) PWM = 5V (Active), ISP = ISN = 48V
PWM = 0V (Standby), ISP = ISN = 48V
100
0.1
µA
µA
ISP/ISN Input Bias Current Low Side Sensing (Combined) PWM = 5V, ISP = ISN = 0V
–230
µA
ISP/ISN Current Sense Amplifier gm (High Side Sensing) VISP–ISN = 250mV, ISP = 48V
120
µS
ISP/ISN Current Sense Amplifier gm (Low Side Sensing) VISP–ISN = 250mV, ISN = 0V
70
µS
CTRL Pin Range for Linear Current Sense Threshold
Adjustment
l
0
1.0
V
CTRL Input Bias Current
Current Out of Pin
50
100
nA
VC Output Impedance
0.9V ≤ VC ≤ 1.5V
15
MΩ
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
FB Regulation Voltage (VFB)
ISP = ISN = 48V, 0V
l
1.225
1.255
1.275
V
FB Amplifier gm
FB = VFB, ISP = ISN = 48V
500
µS
FB Pin Input Bias Current
Current Out of Pin, FB = VFB
40
100
nA
FB Open LED Threshold
VMODE Falling, ISP Tied to ISN
l
VFB – 65mV VFB – 50mV VFB – 40mV
V
C/10 Inhibit for VMODE Assertion (VISP–ISN)
FB = VFB, ISN = 48V, 0V
14
25
39
mV
FB Overvoltage Threshold
PWMOUT Falling
VFB + 50mV VFB + 60mV VFB + 70mV
V
Oscillator
Switching Frequency
RT = 95.3kΩ
RT = 8.87kΩ
l
85
925
100
1000
115
1050
kHz
kHz
SW Minimum Off-Time
160
ns
SW Minimum On-Time
180
ns
SYNC Input Low
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com