Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8620
Description  65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8620 Datasheet HTML 9Page - Linear Technology LT8620 Datasheet HTML 10Page - Linear Technology LT8620 Datasheet HTML 11Page - Linear Technology LT8620 Datasheet HTML 12Page - Linear Technology LT8620 Datasheet HTML 13Page - Linear Technology LT8620 Datasheet HTML 14Page - Linear Technology LT8620 Datasheet HTML 15Page - Linear Technology LT8620 Datasheet HTML 16Page - Linear Technology LT8620 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8620
13
8620fa
For more information www.linear.com/LT8620
APPLICATIONS INFORMATION
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantageofhighfrequencyoperationisthatsmallerinduc-
tor and capacitor values may be used. The disadvantages
are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN) VIN – VSW(TOP) + VSW(BOT)
(
)
(4)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.3V, ~0.15V, respectively at maximum load)
and tON(MIN) is the minimum top switch on-time (see the
Electrical Characteristics). This equation shows that a
slower switching frequency is necessary to accommodate
a high VIN/VOUT ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 65V regardless of the RT value,
however the LT8620 will reduce switching frequency as
necessary to maintain control of inductor current to as-
sure safe operation.
The LT8620 is capable of a maximum duty cycle of ap-
proximately 99%, and the VIN-to-VOUT dropout is limited
by the RDS(ON) of the top switch. In this mode the LT8620
skipsswitchcycles,resultinginalowerswitchingfrequency
than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT + VSW(BOT)
1– fSW • tOFF(MIN)
– VSW(BOT) + VSW(TOP) (5)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.3V, ~0.15V,
respectively at maximum load), fSW is the switching fre-
quency (set by RT), and tOFF(MIN) is the minimum switch
off-time.Notethathigherswitchingfrequencywillincrease
the minimum input voltage below which cycles will be
dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8620 is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuitconditionstheLT8620safelytoleratesopera-
tion with a saturated inductor through the use of a high
speed peak-current mode architecture.
A good first choice for the inductor value is:
L =
VOUT + VSW(BOT)
fSW
(6)
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.15V) and L is the inductor value in μH.
Toavoidoverheatingandpoorefficiency,aninductormust
be chosen with an RMS current rating that is greater than
the maximum expected output load of the application. In
addition, the saturation current (typically labeled ISAT)
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current:
IL(PEAK) =ILOAD(MAX) +
1
2
∆IL
(7)
where ∆IL is the inductor ripple current as calculated in
Equation 9 and ILOAD(MAX) is the maximum output load
for a given application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com