Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8620
Description  65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8620 Datasheet HTML 18Page - Linear Technology LT8620 Datasheet HTML 19Page - Linear Technology LT8620 Datasheet HTML 20Page - Linear Technology LT8620 Datasheet HTML 21Page - Linear Technology LT8620 Datasheet HTML 22Page - Linear Technology LT8620 Datasheet HTML 23Page - Linear Technology LT8620 Datasheet HTML 24Page - Linear Technology LT8620 Datasheet HTML 25Page - Linear Technology LT8620 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LT8620
24
8620fa
For more information www.linear.com/LT8620
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
3.00 ±0.10
1.50 REF
5.00 ±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ±0.10
23
24
1
2
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.75 ±0.05
R = 0.115
TYP
PIN 1 NOTCH
R = 0.20 OR 0.25
× 45° CHAMFER
0.25 ±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UDD24) QFN 0808 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
3.50 REF
4.10 ±0.05
5.50 ±0.05
1.50 REF
2.10 ±0.05
3.50 ±0.05
PACKAGE OUTLINE
R = 0.05 TYP
1.65 ±0.10
3.65 ±0.10
1.65 ±0.05
UDD Package
24-Lead Plastic QFN (3mm
× 5mm)
(Reference LTC DWG # 05-08-1833 Rev Ø)
3.65 ±0.05
0.50 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com