Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8620
Description  65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8620 Datasheet HTML 15Page - Linear Technology LT8620 Datasheet HTML 16Page - Linear Technology LT8620 Datasheet HTML 17Page - Linear Technology LT8620 Datasheet HTML 18Page - Linear Technology LT8620 Datasheet HTML 19Page - Linear Technology LT8620 Datasheet HTML 20Page - Linear Technology LT8620 Datasheet HTML 21Page - Linear Technology LT8620 Datasheet HTML 22Page - Linear Technology LT8620 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT8620
19
8620fa
For more information www.linear.com/LT8620
TYPICAL APPLICATIONS
BST
VIN
EN/UV
SYNC
INTVCC
TR/SS
RT
SW
LT8620
GND
BIAS
8620 TA02
PG
FB
0.1µF
VOUT
5V
2A
4.7µF
VIN
5.5V TO 65V
1µF
10nF
10pF
2.2µH
1M
243k
fSW = 2MHz
18.2k
47µF
POWER GOOD
100k
L: XFL4020
5V 2MHz Step-Down Converter
5V Step-Down Converter
BST
VIN
EN/UV
SYNC
INTVCC
TR/SS
RT
SW
LT8620
GND
BIAS
8620 TA03
PG
FB
0.1µF
VOUT
5V
2A
4.7µF
VIN
5.5V TO 65V
1µF
10nF
10pF
4.7µH
1M
243k
fSW = 700kHz
L: IHLP2020CZ-01
60.4k
47µF
POWER GOOD
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com