Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8620
Description  65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 3 Page - Linear Technology

  LT8620 Datasheet HTML 1Page - Linear Technology LT8620 Datasheet HTML 2Page - Linear Technology LT8620 Datasheet HTML 3Page - Linear Technology LT8620 Datasheet HTML 4Page - Linear Technology LT8620 Datasheet HTML 5Page - Linear Technology LT8620 Datasheet HTML 6Page - Linear Technology LT8620 Datasheet HTML 7Page - Linear Technology LT8620 Datasheet HTML 8Page - Linear Technology LT8620 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT8620
3
8620fa
For more information www.linear.com/LT8620
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The LT8620E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT8620I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT8620H is guaranteed over the full −40°C to
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.9
3.4
V
VIN Quiescent Current
VEN/UV = 0V, VSYNC = 0V
l
1.0
1.0
3
8
µA
µA
VEN/UV = 2V, Not Switching, VSYNC = 0V
l
1.7
1.7
4
10
µA
µA
VEN/UV = 2V, Not Switching, VSYNC = 2V
0.28
0.5
mA
VIN Current in Regulation
VOUT = 0.97V, VIN = 6V, Output Load = 100µA
VOUT = 0.97V, VIN = 6V, Output Load = 1mA
l
l
20
200
50
350
µA
µA
Feedback Reference Voltage
VIN = 6V, ILOAD = 0.5A
VIN = 6V, ILOAD = 0.5A
l
0.964
0.958
0.970
0.970
0.976
0.982
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 42V, ILOAD = 0.5A
l
0.004
0.02
%/V
Feedback Pin Input Current
VFB = 1V
–20
20
nA
INTVCC Voltage
ILOAD = 0mA, VBIAS = 0V
ILOAD = 0mA, VBIAS = 3.3V
3.23
3.25
3.4
3.29
3.57
3.35
V
V
INTVCC Undervoltage Lockout
2.5
2.6
2.7
V
BIAS Pin Current Consumption
VBIAS = 3.3V, ILOAD = 1A, 2MHz
7.2
mA
Minimum On-Time
ILOAD = 1A, SYNC = 0V
ILOAD = 1A, SYNC = 3.3V
l
l
30
30
45
45
ns
ns
Minimum Off-Time
90
130
ns
Oscillator Frequency
RT = 221k, ILOAD = 1A
RT = 60.4k, ILOAD = 1A
RT = 18.2k, ILOAD = 1A
l
l
l
180
665
1.85
210
700
2.00
240
735
2.15
kHz
kHz
MHz
Top Power NMOS On-Resistance
ISW = 1A
175
mΩ
Top Power NMOS Current Limit
l
2.8
4.1
4.9
A
Bottom Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
85
mΩ
Bottom Power NMOS Current Limit
VINTVCC = 3.4V
2.9
3.9
4.7
A
SW Leakage Current
VIN = 42V, VSW = 0V, 42V
–1.5
1.5
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.94
1.0
1.06
V
EN/UV Pin Hysteresis
40
mV
EN/UV Pin Current
VEN/UV = 2V
–20
20
nA
PG Upper Threshold Offset from VFB
VFB Falling
l
6
9.0
12
%
PG Lower Threshold Offset from VFB
VFB Rising
l
–6
–9.0
–12
%
PG Hysteresis
1.3
%
PG Leakage
VPG = 3.3V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.1V
l
680
2000
Ω
SYNC Threshold
SYNC Falling
SYNC Rising
0.8
1.1
1.0
1.3
1.2
1.5
V
V
SYNC Pin Current
VSYNC = 6V
–100
100
nA
TR/SS Source Current
l
1.2
2
2.7
µA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V
220
Ω
150°C operating junction temperature range. The LT8620MP is 100%
tested and guaranteed over the full −55°C to 150°C operating junction
temperature range. High junction temperatures degrade operating lifetimes.
Operating lifetime is derated at junction temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended to protect
the device during overload conditions. Junction temperature will exceed 150°C
when overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature will reduce lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com