Electronic Components Datasheet Search
  English  ▼

X  

LTC3894 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3894
Description  150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3894 Datasheet(HTML) 2 Page - Linear Technology

  LTC3894 Datasheet HTML 1Page - Linear Technology LTC3894 Datasheet HTML 2Page - Linear Technology LTC3894 Datasheet HTML 3Page - Linear Technology LTC3894 Datasheet HTML 4Page - Linear Technology LTC3894 Datasheet HTML 5Page - Linear Technology LTC3894 Datasheet HTML 6Page - Linear Technology LTC3894 Datasheet HTML 7Page - Linear Technology LTC3894 Datasheet HTML 8Page - Linear Technology LTC3894 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3894
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN), RUN.............. –0.3V to 150V
SENSE+, SENSE–, PGOOD Voltage............. –0.3V to 65V
VIN-VCAP Voltage........................................ –0.3V to 10V
VFB, PLLIN/MODE, PGUV, OVLO,
EXTS Voltages ............................................. –0.3V to 6V
TRACK/SS Voltage (Note 11) .................... –0.3V to 2.8V
ITH, FREQ Voltage........................................ –0.3V to 5V
DRVUV/EXTG Voltage.................................. –0.3V to 9V
Operating Junction Temperature Range (Notes 2, 3)
LTC3894E, LTC3894I......................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
FE PACKAGE
20(16)-LEAD PLASTIC TSSOP
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB FOR RATED
ELECTRICAL AND THERMAL CHARACTERISTICS
1
3
5
6
7
8
9
10
TOP VIEW
20
18
16
15
14
13
12
11
GATE
RUN
SENSE+
SENSE–
ITH
PGUV
VFB
TRACK/SS
VIN
CAP
DRVUV/EXTG
EXTS
OVLO
FREQ
PGOOD
PLLIN/MODE
21
GND
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3894EFE#PBF
LTC3894EFE#TRPBF
LTC3894FE
20(16)-Lead Plastic TSSOP
–40°C to 125°C
LTC3894IFE#PBF
LTC3894IFE#TRPBF
LTC3894FE
20(16)-Lead Plastic TSSOP
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VIN
Input Voltage Operating Range
(Note 4) DRVUV = 0V
4.5
150
V
VOUT
Regulated Output Voltage Set Point
0.8
60
V
IQ
No Load DC Supply Current (Note 5)
Shutdown VIN Pin Current
RUN = 0V
7
11
µA
Sleep Mode VIN Pin Current
VSENSE– = 2.5V, VFB = 0.83V
27
40
µA
VSENSE– ≥ 3.2V, VFB = 0.83V
7
10
µA
Sleep Mode SENSE– Pin Current (Note 6)
VSENSE– ≥ 3.2V, VFB = 0.83V
21
30
µA
Pulse-Skipping Mode VIN Pin Current
VFB = 0.83V
VSENSE– = 0V
VSENSE– = 3.3V
VSENSE– = 5V
1.8
1.5
0.8
mA
mA
mA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
http://www.linear.com/product/LTC3894#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com