Electronic Components Datasheet Search
  English  ▼

X  

LTC3894 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3894
Description  150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3894 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3894 Datasheet HTML 16Page - Linear Technology LTC3894 Datasheet HTML 17Page - Linear Technology LTC3894 Datasheet HTML 18Page - Linear Technology LTC3894 Datasheet HTML 19Page - Linear Technology LTC3894 Datasheet HTML 20Page - Linear Technology LTC3894 Datasheet HTML 21Page - Linear Technology LTC3894 Datasheet HTML 22Page - Linear Technology LTC3894 Datasheet HTML 23Page - Linear Technology LTC3894 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC3894
20
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
The continuous/discontinuous boundary is inversely
proportional to the inductor value. Therefore, if required,
IOUT(CDB) can be reduced by increasing the inductor value.
RUN Pin and VIN Overvoltage/Undervoltage Lockout
The LTC3894 is enabled using the RUN pin. It has a rising
threshold of 1.24V with 100mV of hysteresis. Pulling the
RUN pin below 1.12V shuts down the main control loop.
Pulling it below 0.8V disables the controller and most
internal circuits. In this state the LTC3894 draws only 7μA
of quiescent current.
The RUN pin is high impedance and must be externally
pulled up/down or driven directly by logic. The RUN pin
can tolerate up to 150V (absolute maximum), so it can be
conveniently tied to VIN in always-on applications where
the controller is enabled continuously and never shut
down.
The RUN and OVLO pins can alternatively be configured as
adjustable undervoltage (UVLO) and overvoltage (OVLO)
lockouts on the VIN supply with a resistor divider from VIN
to ground. A simple resistor divider can be used as shown
in Figure 6 to meet specific VIN voltage requirements.
The current that flows through the R3-R4-R5 divider will
directly add to the shutdown, sleep, and active current
of the LTC3894, and care should be taken to minimize
the impact of this current on the overall efficiency of the
application circuit. Resistor values in the megaohm range
may be required to keep the impact on quiescent shut-
down and sleep currents low. To pick resistor values, the
sum total of R3 + R4 + R5 (RTOTAL) should be chosen
first based on the allowable DC current that can be drawn
from VIN.
The individual values of R3, R4 and R5 can be calculated
from the following equations:
R5 = R TOTAL •
0.8V
R ISING VIN OVLO THRESHOLD
R 4 = R TOTAL •
1.24V
R ISING VIN UVLO THRESHOLD
– R5
R3 = R TOTAL –R5 –R4
For applications that do not require an OVLO, the OVLO
pin can be tied directly to ground. The RUN pin in this type
of application can be used as an external UVLO using the
previous equations with R5 = 0Ω.
Similarly, for applications that do not require an adjustable
UVLO, the RUN pin can be tied to VIN. In this configura-
tion, the UVLO threshold is limited to the internal VIN-CAP
UVLO thresholds (VUVLO) as shown in the Electrical
Characteristics table. The resistor values for the OVLO can
be computed using the previous equations with R3 = 0Ω.
PGOOD Programming in Dropout Applications
(PGUV Pin)
The PGUV or Power Good Undervoltage pin is included
to give greater flexibility in defining a normal range of
operating VOUT for the LTC3894. In a conventional DC/DC
controller, the OV and UV comparators monitor the VFB pin
and define a fixed ± power good window about a regula-
tion point for VOUT. In the LTC3894, the OV comparator
monitors the VFB pin and the UV comparator monitors the
PGUV pin. For a typical application that does not operate
in dropout, the PGUV pin can be tied to the VFB pin to
establish a conventional ±10% PGOOD window around
the regulation point, outside of which VOUT enters UV
and OV condition respectively. Because the LTC3894 is a
100% duty cycle controller, it can be used in applications
where dropout or operating VOUT below regulation is part
of normal operation. For those applications, the PGUV
pin can be used to establish a lower limit for PGOOD
independent of the VFB pin.
A good example of defining power good in both regu-
lation and dropout is a 12V battery output preregulator
with a wide ranging VIN and VOUT regulation point set at
12V. If the defined operating output range is 12V to 9V
RUN
3894 F06
R3
VIN
LTC3894
R4
R5
OVLO
Figure 6. Adjustable UV and OV Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com