Electronic Components Datasheet Search
  English  ▼

X  

LTC3894 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3894
Description  150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3894 Datasheet(HTML) 3 Page - Linear Technology

  LTC3894 Datasheet HTML 1Page - Linear Technology LTC3894 Datasheet HTML 2Page - Linear Technology LTC3894 Datasheet HTML 3Page - Linear Technology LTC3894 Datasheet HTML 4Page - Linear Technology LTC3894 Datasheet HTML 5Page - Linear Technology LTC3894 Datasheet HTML 6Page - Linear Technology LTC3894 Datasheet HTML 7Page - Linear Technology LTC3894 Datasheet HTML 8Page - Linear Technology LTC3894 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3894
3
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VINR)
Total Input Supply Current in Regulation at
No Load in Burst Mode (Note 7)
VIN = 12V
Figure 13 Circuit, VOUT = 3.3V
Figure 11 Circuit, VOUT = 5V
16
22
µA
µA
VIN = 48V
Figure 13 Circuit, VOUT = 3.3V
Figure 11 Circuit, VOUT = 5V
9
11
µA
µA
Output Sensing
VFB
Regulated Feedback Voltage
VITH = 1.2V (Note 8)
l
0.788
0.800
0.812
V
Feedback Voltage Line Regulation
VIN = 4.5V to 150V (Note 8)
±0.002
0.015
%/V
Feedback Voltage Load Regulation
VITH = 0.6V to 1.8V (Note 8)
0.03
0.15
%
gm(EA)
Error Amplifier Transconductance
VITH = 1.2V, ∆IITH = ±5µA (Note 8)
2
mS
IFB
Feedback Input Bias Current
–10
±50
nA
Current Sensing
VSENSE(MAX) Maximum Current Sense Threshold
(VSENSE+ – VSENSE–)
VFB = 0.7V, VSENSE– = 3.3V
l
88
100
112
mV
ISENSE+
SENSE+ Pin Input Current
VSENSE+ = 3.3V
0.1
1
µA
ISENSE–
SENSE– Pin Input Current in Non-Sleep
Mode (Note 6)
VSENSE– = 3.3V
VSENSE– = 5V
200
880
300
1260
µA
µA
Start-Up and Shutdown
VRUN
RUN Pin Enable Threshold
VRUN Rising
l
1.14
1.24
1.34
V
VRUNHYS
RUN Pin Hysteresis
125
mV
ISS
Soft-Start Pin Charging Current
VSS = 0V or 0V to 0.8V
8
11
14
µA
VOVLO
Overvoltage Lockout Threshold
VOVLO Rising Up
Hysteresis
l
0.77
0.8
30
0.82
V
mV
Gate Driver and VIN-Cap LDO
VUVLO
Undervoltage Lockout
DRVUV = 0
(VIN-VCAP) Ramping Up Threshold
(VIN-VCAP) Ramping Down Threshold
Hysteresis
l
l
3.4
3.25
3.75
3.50
0.25
4.3
3.75
V
V
V
DRVUV = Floating
(VIN-VCAP) Ramping Up Threshold
(VIN-VCAP) Ramping Down Threshold
Hysteresis
l
l
5.65
5.2
6.0
5.55
0.45
6.45
5.85
V
V
V
VCAP
Gate Bias LDO Output Voltage (VIN-VCAP) ICAP = 0mA, 9V ≤ VIN ≤ 150V (Note 9)
l
7.5
8.0
8.5
V
VCAPDROP
Gate Bias LDO Dropout Voltage (VIN-VCAP) VIN = 5V, ICAP = 15mA (Note 9)
4.1
4.4
V
∆VCAP(LOAD) Gate Bias LDO Load Regulation
ICAP = 0mA to 20mA
–2.8
–1.3
%
RUP
Gate Pull-Up Resistance
Gate High
2
Ω
RDN
Gate Pull-Down Resistance
Gate Low
0.9
Ω
tON(MIN)
Gate Minimum On-Time
(Note 10)
125
ns
Switching Frequency and Clock Synchronization
f
Programmable Switching Frequency
RFREQ = 25kΩ
RFREQ = 64.9kΩ
RFREQ = 105kΩ
375
100
440
810
505
kHz
kHz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com