Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4359 Datasheet HTML 3Page - Linear Technology LTC4359 Datasheet HTML 4Page - Linear Technology LTC4359 Datasheet HTML 5Page - Linear Technology LTC4359 Datasheet HTML 6Page - Linear Technology LTC4359 Datasheet HTML 7Page - Linear Technology LTC4359 Datasheet HTML 8Page - Linear Technology LTC4359 Datasheet HTML 9Page - Linear Technology LTC4359 Datasheet HTML 10Page - Linear Technology LTC4359 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4359
7
Rev D
For more information www.analog.com
Blockingdiodesarecommonlyplacedinserieswithsupply
inputs for the purpose of ORing redundant power sources
and protecting against supply reversal. The LTC4359
replaces diodes in these applications with a MOSFET to
reduce both the voltage drop and power loss associated
with a passive solution. The curve shown on page 1 illus-
trates the dramatic improvement in power loss achieved in
a practical application. This represents significant savings
in board area by greatly reducing power dissipation in the
pass device. At low input voltages, the improvement in
forward voltage loss is readily appreciated where head-
room is tight, as shown in Figure 2.
The LTC4359 operates from 4V to 80V and withstands
an absolute maximum range of –40V to 100V without
damage.InautomotiveapplicationstheLTC4359operates
through load dump, cold crank and two-battery jumps,
and it survives reverse battery connections while also
protecting the load.
A 12V/20A ideal diode application is shown in Figure 1.
Several external components are included in addition to
the MOSFET, Q1. Ideal diodes, like their nonideal coun-
terparts, exhibit a behavior known as reverse recovery.
In combination with parasitic or intentionally introduced
inductances,reverserecoveryspikesmaybegeneratedby
an ideal diode during commutation. D1, D2 and R1 protect
against these spikes which might otherwise exceed the
LTC4359’s –40V to 100V survival rating. COUT also plays
a role in absorbing reverse recovery energy. Spikes and
protection schemes are discussed in detail in the Input
Short-Circuit Faults section.
APPLICATIONS INFORMATION
It is important to note that the SHDN pin, while disabling
the LTC4359 and reducing its current consumption to
9µA, does not disconnect the load from the input since
Q1’s body diode is ever-present. A second MOSFET is
required for load switching applications.
MOSFET Selection
All load current passes through an external MOSFET, Q1.
The important characteristics of the MOSFET are on-
resistance, RDS(ON), the maximum drain-source voltage,
BVDSS, and the gate threshold voltage VGS(TH).
Gate drive is compatible with 4.5V logic-level MOSFETs
overtheentireoperatingrangeof4Vto80V.Inapplications
above 8V, standard 10V threshold MOSFETs may be used.
An internal clamp limits the gate drive to 15V maximum
between the GATE and SOURCE pins. For 24V and higher
applications, an external Zener clamp (D4) must be added
between GATE and SOURCE to not exceed the MOSFET’s
VGS(MAX) during input shorts.
Themaximumallowabledrain-sourcevoltage,BVDSS,must
be higher than the power supply voltage. If the input is
grounded, the full supply voltage will appear across the
MOSFET. If the input is reversed, and the output is held
up by a charged capacitor, battery or power supply, the
sum of the input and output voltages will appear across
the MOSFET and BVDSS > OUT + |VIN |.
Figure 1. 12V/20A Ideal Diode with Reverse Input Protection
4359 F01
LTC4359
VSS
SHDN
IN
SOURCE
Q1
BSC028N06NS
COUT
47nF
R1
1k
GATE
D1
SMAT70A
70V
D2
SMAJ24A
24V
VIN
12V
VOUT
12V
20A
OUT
Figure 2. Forward Voltage Drop Comparison
Between MOSFET and Schottky Diode
VOLTAGE (V)
0
10
15
0.5
4359 F02
5
0
0.2
0.1
0.3
0.4
20
MOSFET
(BSC028N06NS)
SCHOTTKY DIODE
(SBG2040CT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com