Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 1 Page - Linear Technology

  LTC4359 Datasheet HTML 1Page - Linear Technology LTC4359 Datasheet HTML 2Page - Linear Technology LTC4359 Datasheet HTML 3Page - Linear Technology LTC4359 Datasheet HTML 4Page - Linear Technology LTC4359 Datasheet HTML 5Page - Linear Technology LTC4359 Datasheet HTML 6Page - Linear Technology LTC4359 Datasheet HTML 7Page - Linear Technology LTC4359 Datasheet HTML 8Page - Linear Technology LTC4359 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4359
1
Rev D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ideal Diode Controller with
Reverse Input Protection
TheLTC®4359isapositivehighvoltageidealdiodecontrol-
ler that drives an external N-channel MOSFET to replace
a Schottky diode. It controls the forward-voltage drop
across the MOSFET to ensure smooth current delivery
without oscillation even at light loads. If a power source
fails or is shorted, a fast turn-off minimizes reverse cur-
rent transients. A shutdown mode is available to reduce
the quiescent current to 9μA for load switch and 14µA for
ideal diode applications.
Whenusedinhighcurrentdiodeapplications,theLTC4359
reducespowerconsumption,heatdissipation,voltageloss
and PC board area. With its wide operating voltage range,
the ability to withstand reverse input voltage, and high
temperature rating, the LTC4359 satisfies the demanding
requirementsofbothautomotiveandtelecomapplications.
The LTC4359 also easily ORs power sources in systems
with redundant supplies.
12V, 20A Automotive Reverse-Battery Protection
Power Dissipation vs Load Current
APPLICATIONS
n
Reduces Power Dissipation by Replacing a Power
Schottky Diode
n
Wide Operating Voltage Range: 4V to 80V
n
Reverse Input Protection to – 40V
n
Low 9µA Shutdown Current
n
Low 150μA Operating Current
n
Smooth Switchover without Oscillation
n
Controls Single or Back-to-Back N-Channel MOSFETs
n
Available in 6-Pin (2mm × 3mm) DFN, 8-Lead MSOP
and 8-Lead SO Packages
n
Automotive Battery Protection
n
Redundant Power Supplies
n
Supply Holdup
n
Telecom Infrastructure
n
Computer Systems/Servers
n
Solar Systems
All registered trademarks and trademarks are the property of their respective owners.
4359 TA01
LTC4359
VSS
SHDN
IN
SOURCE
OUT
47nF
1k
GATE
BSC028N06NS
SMAT70A
70V
SMAJ24A
24V
VIN
12V
VOUT TO LOAD
CURRENT (A)
0
4
8
6
20
4359 TA01a
2
0
5
10
15
10
SCHOTTKY DIODE (SBG2040CT)
POWER
SAVED
MOSFET (BSC028N06NS)


Similar Part No. - LTC4359

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4359 LINEAR-LTC4359 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4359 LINEAR-LTC4359 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4359 LINEAR-LTC4359 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4359 LINEAR-LTC4359 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4359 LINEAR-LTC4359 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC4359

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4359HDCB LINER-LTC4359HDCB Datasheet
937Kb / 8P
12V/20A Ideal Diode with Reverse Input Protection
logo
Analog Devices
LTC4376 AD-LTC4376 Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
logo
Texas Instruments
LM7480-Q1 TI1-LM7480-Q1 Datasheet
8Mb / 41P
LM7480x-Q1 Ideal Diode Controller with Load Dump Protection
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74701-Q1 TI-LM74701-Q1 Datasheet
1Mb / 27P
LM74701-Q1 "TVS Less" Low IQ Reverse Battery Protection Ideal Diode Controller
LM74721-Q1 TI-LM74721-Q1 Datasheet
2Mb / 27P
LM74721-Q1 TVS Less Low IQ Reverse Battery Protection Ideal Diode Controller With Active Rectification
SNOSDC2 ??SEPTEMBER 2021
LM74701-Q1 TI-LM74701-Q1_V01 Datasheet
2Mb / 33P
LM74701-Q1 TVS Less Automotive Reverse Battery Protection Ideal Diode Controller
DECEMBER 2021
LM74721-Q1 TI-LM74721-Q1_V01 Datasheet
2Mb / 33P
LM74721-Q1 TVS Less Low IQ Automotive Reverse Battery Protection Ideal Diode Controller with Active Rectification
REVISED JULY 2022
logo
Diodes Incorporated
AP74700Q DIODES-AP74700Q Datasheet
2Mb / 21P
±65V REVERSE VOLTAGE PROTECTION AUTOMOTIVE-COMPLIANT IDEAL DIODE CONTROLLER
July 2022 Rev. 3 - 2
logo
Texas Instruments
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com