Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4359 Datasheet HTML 4Page - Linear Technology LTC4359 Datasheet HTML 5Page - Linear Technology LTC4359 Datasheet HTML 6Page - Linear Technology LTC4359 Datasheet HTML 7Page - Linear Technology LTC4359 Datasheet HTML 8Page - Linear Technology LTC4359 Datasheet HTML 9Page - Linear Technology LTC4359 Datasheet HTML 10Page - Linear Technology LTC4359 Datasheet HTML 11Page - Linear Technology LTC4359 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4359
8
Rev D
For more information www.analog.com
APPLICATIONS INFORMATION
The MOSFET’s on-resistance, RDS(ON), directly affects
the forward voltage drop and power dissipation. Desired
forward voltage drop should be less than that of a diode
for reduced power dissipation; 100mV is a good starting
point. Choose a MOSFET which has:
RDS(ON) <
Forward Voltage Drop
ILOAD
The resulting power dissipation is
Pd = (ILOAD)2 • RDS(ON)
Shutdown Mode
In shutdown, the LTC4359 pulls GATE low to SOURCE,
turningofftheMOSFETandreducingitscurrentconsump-
tion to 9µA. Shutdown does not interrupt forward current
flow, a path is still present through Q1’s body diode, as
shown in Figure 1. A second MOSFET is needed to block
the forward path; see the section Load Switching and
Inrush Control. When enabled the LTC4359 operates as
an ideal diode. If shutdown is not needed, connect SHDN
to IN. SHDN may be driven with a 3.3V or 5V logic sig-
nal, or with an open drain or collector. To assert SHDN
low, the pull down must sink at least 5µA at 500mV. To
enable the part, SHDN must be pulled up to at least 2V.
If SHDN is driven with an open drain, open collector or
switch contact, an internal pull-up current of 2.6µA (1µA
minimum) asserts SHDN high and enables the LTC4359.
If leakage from SHDN to ground cannot be maintained at
less than 100nA, add a pull-up resistor to >2V to assure
turn on. The self-driven open circuit voltage is limited
internally to 2.5V. When floating, the impedance is high
and SHDN is subject to capacitive coupling from nearby
clock lines or traces exhibiting high dV/dt. Bypass SHDN
to VSS with 10nF to eliminate injection. Figure 3a is the
simplestwaytocontroltheshutdownpin.Sincethecontrol
signal ground is different from the SHDN pin reference,
VSS, there could be momentary glitches on SHDN during
transients. Figures 3b and 3c are alternative solutions
that level-shift the control signal and eliminate glitches.
Figure 3a. SHDN Control
Figure 3b. Transistor SHDN Control
Figure 4c. Opto-Isolator SHDN Control
4359 F03a
LTC4359
1k
VN2222LL
VSS
SHDN
OFF
ON
4359 F03b
LTC4359
1k
240k
100k
100k
240k
48V
2N5551
VSS
SHDN
IN
ON
OFF
2N5401
4359 F03c
LTC4359
1k
2M
1M
MOC
207M
2k
48V
VSS
SHDN
IN
OFF
ON
Input Short-Circuit Faults
The dynamic behavior of an active, ideal diode entering
reverse bias is most accurately characterized by a delay
followed by a period of reverse recovery. During the delay
phase some reverse current is built up, limited by parasitic
resistances and inductances. During the reverse recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com