Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4359 Datasheet HTML 12Page - Linear Technology LTC4359 Datasheet HTML 13Page - Linear Technology LTC4359 Datasheet HTML 14Page - Linear Technology LTC4359 Datasheet HTML 15Page - Linear Technology LTC4359 Datasheet HTML 16Page - Linear Technology LTC4359 Datasheet HTML 17Page - Linear Technology LTC4359 Datasheet HTML 18Page - Linear Technology LTC4359 Datasheet HTML 19Page - Linear Technology LTC4359 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4359
16
Rev D
For more information www.analog.com
PACKAGE DESCRIPTION
3.00 ±0.10
(2 SIDES)
2.00 ±0.10
(2 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (TBD)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40 ±0.10
BOTTOM VIEW—EXPOSED PAD
1.65 ±0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 ±0.10
(2 SIDES)
1
3
6
4
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB6) DFN 0405
0.25 ±0.05
0.50 BSC
PIN 1 NOTCH
R0.20 OR 0.25
× 45° CHAMFER
0.25 ±0.05
1.35 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.15 ±0.05
0.70 ±0.05
3.55 ±0.05
PACKAGE
OUTLINE
0.50 BSC
DCB Package
6-Lead Plastic DFN (2mm
× 3mm)
(Reference LTC DWG # 05-08-1715 Rev A)
DCB Package
6-Lead Plastic DFN (2mm × 3mm)
(Reference LTC DWG # 05-08-1715 Rev A)
Please refer to http://www.linear.com/product/LTC4359#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com