Electronic Components Datasheet Search
  English  ▼

X  

MP5086GG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5086GG
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086GG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5086GG Datasheet HTML 1Page - Monolithic Power Systems MP5086GG Datasheet HTML 2Page - Monolithic Power Systems MP5086GG Datasheet HTML 3Page - Monolithic Power Systems MP5086GG Datasheet HTML 4Page - Monolithic Power Systems MP5086GG Datasheet HTML 5Page - Monolithic Power Systems MP5086GG Datasheet HTML 6Page - Monolithic Power Systems MP5086GG Datasheet HTML 7Page - Monolithic Power Systems MP5086GG Datasheet HTML 8Page - Monolithic Power Systems MP5086GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
4
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, EN enable, TA= 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input and Supply Voltage Range
Input Voltage
VIN
2.3
5.5
V
Supply Current
Normal Current
ION
VIN=5V,
Enable,
NTC
high, No load
240
310
µA
Bypass Current
IBP
VIN=5V, EN=0, NTC high,
No load, BP float
0.1
1
µA
Transportation Current
ITRAN
Transportation Mode
0.1
1
µA
Power FET
Main NFET ON Resistance
RDSON
VIN=5.0V
8
mΩ
VIN=3.3V
11
VIN=2.4V
17
Bypass PFET ON Resistance
RBP
IOUT=10mA
65
Ω
Thermal Shutdown
(5)
Shutdown Temperature
TSTD
155
°C
Under Voltage Protection
VIN
Under
Voltage
Lockout
Threshold
VIN_UVLO
UVLO Rising Threshold
2.0
2.2
V
UVLO Hysteresis
VUVLO HYS
200
mV
Enable
EN High Level
VENH
1.2
V
EN Low Level
VENL
0.4
V
EN High to Low Response Time
From EN off to Main FET
off
5
µs
Soft Start
Soft -Start
COUT=44μF, CIN=44μF,
10% VOUT to 90% VOUT
200
µs
IMON
Current Limit
IOUT
RIMON=50kΩ, ramp lout
record peak current limit
1.54
1.64
1.74
A
Current Monitor Accuracy
IOUT=3.75A
44.35
45.73
47.11
µA
IOUT=3A
35.49
36.59
37.69
IOUT=1.5A
(6)
17.39
18.3
19.22
NTC Block
NTC Comparator Falling Threshold
VNTC F
17.5
20
22.5
%VOUT
OTP Delay
TNTC_D
With 4.7nF cap between
OTP and GND , from 50%
NTC to 50% OTP
200
µs
OTP Refresh Voltage
0.6
0.84
V
OTP High Level
VOTP_H
VIN=3.3V, pull up to VIN
through external 50k, Over
Temperature happen
3.1
V
OTP Low Level
VOTP L
Sink 1mA
0.2
V
OTP Self-biased Voltage
(5)
VIN float, EN=0, external
pull up to 5V through 50k
resistor
0.8
V
Notes:
5) Guarantee by Characterization. Not production test.
6) If sense current is smaller than 1.5A, the IMON accuracy will be affected by some internal offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com