Electronic Components Datasheet Search
  English  ▼

X  

MP5086GG Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5086GG
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086GG Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5086GG Datasheet HTML 6Page - Monolithic Power Systems MP5086GG Datasheet HTML 7Page - Monolithic Power Systems MP5086GG Datasheet HTML 8Page - Monolithic Power Systems MP5086GG Datasheet HTML 9Page - Monolithic Power Systems MP5086GG Datasheet HTML 10Page - Monolithic Power Systems MP5086GG Datasheet HTML 11Page - Monolithic Power Systems MP5086GG Datasheet HTML 12Page - Monolithic Power Systems MP5086GG Datasheet HTML 13Page - Monolithic Power Systems MP5086GG Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
11
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP5086 is designed to limit the in-rush
current to the load, thereby limiting the
backplane’s voltage drop and the slew rate of
the voltage to the load. It provides an integrated
solution to monitor the output current to
eliminate the need for an external current power
MOSFET, and current switch device. It also
integrated fast short circuit protection, thermal
shutdown feature and NTC logic to set over
temperature threshold.
Operation Mode
There are four operation modes in MP5086:
normal mode, bypass mode, NTC protection
mode and transportation mode.
When EN is high and IC not trigger any
protection, IC works in normal mode. Under this
status, the main MOS, bypass MOS are always
on. Normal mode is main operation mode. The
quiescent current is about 240µA.
The bypass mode is that EN goes low and IC
not triggers any protection, it will turn off the
main MOS and disable most blocks to saving
energy. The bypass MOS is still on and it can
take <10mA load. The quiescent current of this
mode is <1µA. And if connect the BP to VOUT,
there will be a few µA leakage current caused
by the internal 800kΩ output sense resistor. It is
recommended adding 100Ω to 1kΩ resistor
between BP and VOUT pin to limit the current
externally.
The NTC protection mode means that the IC
detect the NTC signal goes low or trigger over
temperature protection, typically 155°C. It
shutdown the main MOS and the bypass MOS
forcedly, disable OTP pull-down MOSFET and
latch this state. Only VIN or EN restart can
refresh OTP pin flag and quit this mode.
The transportation Mode means the part
shutdown all blocks and reduces the quiescent
current to lower than 1µA. When the part is in
NTC protection mode, make sure EN is lower
than 0.4V and OTP pin is lower than its refresh
voltage, typically 0.84V, the part will enter
transportation mode. Transportation mode will
block any leakage from VIN to VOUT to lengthen
the battery life.
Basic Logic
For MP5086, you can find the basic logic in
below figures. OTP is connect to external 5V
with a 100k resistor, please refer figure 5.
Figure 2: Normal Mode with external 5V
NTC protection Mode
VIN Restart
Figure 3: Normal Mode without external 5V
NTC protection Mode
EN Restart
Figure 4: Normal Mode
NTC protection
Mode
Transportation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com