Electronic Components Datasheet Search
  English  ▼

X  

MP5086GG Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5086GG
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086GG Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5086GG Datasheet HTML 6Page - Monolithic Power Systems MP5086GG Datasheet HTML 7Page - Monolithic Power Systems MP5086GG Datasheet HTML 8Page - Monolithic Power Systems MP5086GG Datasheet HTML 9Page - Monolithic Power Systems MP5086GG Datasheet HTML 10Page - Monolithic Power Systems MP5086GG Datasheet HTML 11Page - Monolithic Power Systems MP5086GG Datasheet HTML 12Page - Monolithic Power Systems MP5086GG Datasheet HTML 13Page - Monolithic Power Systems MP5086GG Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
12
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Enable
The enable input will decide the MP5086
operation mode. When input voltage is greater
than
the
under-voltage
lockout
threshold
(UVLO), typically 2.0V and pull EN pin to higher
than 1.2V, MP5086 works in normal mode.
Under this condition, the ultra-low RDSON main
power FET is on.
The all features include
current monitor and NTC protection are active.
Pulling EN down to ground will make MP5086
work in bypass mode.
NTC Protection
MP5086 integrated a NTC comparator to
monitor the system temperature. When NTC pin
voltage is lower than 20% of VOUT voltage, the
open-drain OTP indicator will be pulled high. At
the same time, the OTP pin flag also turn off
main power FET and bypass FET. After that,
MP5086 will enter NTC protection mode and
the OTP pin state is latched.
Current Limit
The MP5086 provides a constant current limit
that can be programmed by an external resistor.
Once the device reaches its current limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power FET
constant. The typical response time is about
20µs and the output current may have a small
overshoot during this time period.
The pre-set current limit value can be
calculated by below equation:
ILimit = (1÷Rlimit )×S
(1)
S is the current sense ratio of MP5086, and this
value is typically 82000 in VIN=3.6V. The other
values of S please refer the curves in typical
performance characteristics.
If the current limit block starts to regulate the
output current, the power loss on power
MOSFET will cause the IC temperature rise. If
the junction temperature raises to high enough,
it will trigger thermal shutdown, and part will
latched. The over temperature threshold is
155oC. The internal thermal protection equals to
NTC protection.
Short-Circuit Protection
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold by a lot before the control loop
can respond. If the current reaches an internal
secondary current limit level (typical 13A), a fast
turn-off circuit activates to turn off the power
FET. This limits the peak current through the
switch to limit the input voltage drop. The total
short circuit response time is about 200ns. If
fast off works, it will keep off the power FET for
typical 80µs. After that time period, it will re-turn
on power FET. If the part is still in short-circuit
condition. MP5086 will reduce the current limit
to 2/3 of pre-set value, and hold it until the part
is hot enough and thermal shutdown. When the
thermal shutdown is trigged, the part will enter
NTC protection mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com