Electronic Components Datasheet Search
  English  ▼

X  

MP5086GG Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5086GG
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086GG Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5086GG Datasheet HTML 2Page - Monolithic Power Systems MP5086GG Datasheet HTML 3Page - Monolithic Power Systems MP5086GG Datasheet HTML 4Page - Monolithic Power Systems MP5086GG Datasheet HTML 5Page - Monolithic Power Systems MP5086GG Datasheet HTML 6Page - Monolithic Power Systems MP5086GG Datasheet HTML 7Page - Monolithic Power Systems MP5086GG Datasheet HTML 8Page - Monolithic Power Systems MP5086GG Datasheet HTML 9Page - Monolithic Power Systems MP5086GG Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
6
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.7V, OTP Connect to 5V with 100k resistor, TA = 25°C, unless otherwise noted.
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
2
2.5
3
3.5
4
4.5
5
5.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
2
2.5
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
3
3.5
4
4.5
5
5.5
6
0
50
100
150
200
250
300
2.2 2.7 3.2 3.7 4.2 4.7 5.2 5.7
0
50
100
150
200
250
300
-50
0
50
100
150
-50
0
50
100
150
-50
0
50
100
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
0
50
100
150
-50
0
50
100
150
-50
0
50
100
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com