Electronic Components Datasheet Search
  English  ▼

X  

MP5610 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5610
Description  2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5610 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5610 Datasheet HTML 1Page - Monolithic Power Systems MP5610 Datasheet HTML 2Page - Monolithic Power Systems MP5610 Datasheet HTML 3Page - Monolithic Power Systems MP5610 Datasheet HTML 4Page - Monolithic Power Systems MP5610 Datasheet HTML 5Page - Monolithic Power Systems MP5610 Datasheet HTML 6Page - Monolithic Power Systems MP5610 Datasheet HTML 7Page - Monolithic Power Systems MP5610 Datasheet HTML 8Page - Monolithic Power Systems MP5610 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP5610 – 2.7V TO 5.5V INPUT, 1.2MH
z, DUAL-CH, LCD BIAS POWER SUPPLY
MP5610 Rev. 1.02
www.MonolithicPower.com
2
12/6/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5610GQG
QFN-10 (1.4mm×1.8mm)
BZ
* For Tape & Reel, add suffix
–Z (e.g. MP5610GQG–Z);
PACKAGE REFERENCE
TOP VIEW
1
2
3
5
4
6
7
8
10
9
VON
SW
VINP
VOP
GND
EN
FBP
CP2
CP1
VIN
QFN-10 (1.4mm×1.8mm)
ABSOLUTE MAXIMUM RATINGS
(1)
VIN, VINP ....................................... -0.3V to +6.5V
VSW, VOP, VCP1…………………..…-0.3V to +7V
VCP2, VON........................................ -7V to +0.3V
All Other Pins.............................. -0.3V to +6.5V
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Continuous Power Dissipation ... (TA = 25°C)
(2)
QFN-10 (1.4mm×1.8mm)......................0.892W
Recommended Operating Conditions
(3)
Supply Voltage VIN ......................... 2.7V to 5.5V
Operating Junction Temp......... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-10 (1.4mm×1.8mm) ..... 140...... 30 °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com