Electronic Components Datasheet Search
  English  ▼

X  

MP5610 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5610
Description  2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5610 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5610 Datasheet HTML 7Page - Monolithic Power Systems MP5610 Datasheet HTML 8Page - Monolithic Power Systems MP5610 Datasheet HTML 9Page - Monolithic Power Systems MP5610 Datasheet HTML 10Page - Monolithic Power Systems MP5610 Datasheet HTML 11Page - Monolithic Power Systems MP5610 Datasheet HTML 12Page - Monolithic Power Systems MP5610 Datasheet HTML 13Page - Monolithic Power Systems MP5610 Datasheet HTML 14Page - Monolithic Power Systems MP5610 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5610 – 2.7V TO 5.5V INPUT, 1.2MH
z, DUAL-CH, LCD BIAS POWER SUPPLY
MP5610 Rev. 1.02
www.MonolithicPower.com
12
12/6/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Over-Voltage Protection
MP5610 provides over-voltage protection for
step-up converter. If the positive output voltage
is larger than 6.1V, IC stops switching and
output starts dropping. When the voltage drops
lower than OVP recover threshold, IC resumes
to normal switching. The hysteresis is 215mV.
Since the negative output voltage is always
tracking
the
positive
output
voltage,
the
negative output voltage can also be avoided to
over-charging. In some unexpected cases, if
the negative output voltage is lower than -6.2V,
IC stops switching and output starts dropping.
When the voltage drops larger than OVP
recover
threshold,
IC
resumes
to
normal
switching. The hysteresis is 165mV.
VOP Under Voltage Protection
After startup, if the output feedback voltage is
lower than 52%*VREF, IC stops switching and
latches off to avoid any damage. This fault has
to be cleared by reset the input power or enable
signal. If VOP and GND are shorted before the
startup, larger current draws from the input
power side and it can be limited by maximum
input DC current limit, around 260mA.
VON Under Voltage Protection
MP5610 provides VON Under Voltage protection
by sensing the negative output voltage. After
the startup, if the VON is lower than 60%*VOP,
the IC will stop switching and latch off to avoid
any damage. If the VON-to-GND is shorted
before startup, the positive output voltage will
not be charged up and thus, the IC will be
protected by limiting the input current limit
switch.
Input UVLO Protection
To avoid IC operation in low input voltage,
MP5610 has input UVLO protection. IC only
starts operation when input voltage is larger
than
input
under-voltage-lock-out
protection
threshold,
VIN_UVLO.
There
is
a
260mV
hysteresis when input voltage drops.
Over Heat Protection
When MP5610 junction temperature exceeds
the thermal protection threshold, IC shuts down
and latch off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com