Electronic Components Datasheet Search
  English  ▼

X  

MP5610 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5610
Description  2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5610 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5610 Datasheet HTML 7Page - Monolithic Power Systems MP5610 Datasheet HTML 8Page - Monolithic Power Systems MP5610 Datasheet HTML 9Page - Monolithic Power Systems MP5610 Datasheet HTML 10Page - Monolithic Power Systems MP5610 Datasheet HTML 11Page - Monolithic Power Systems MP5610 Datasheet HTML 12Page - Monolithic Power Systems MP5610 Datasheet HTML 13Page - Monolithic Power Systems MP5610 Datasheet HTML 14Page - Monolithic Power Systems MP5610 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP5610 – 2.7V TO 5.5V INPUT, 1.2MH
z, DUAL-CH, LCD BIAS POWER SUPPLY
MP5610 Rev. 1.02
www.MonolithicPower.com
13
12/6/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Positive Output Voltage
The external resistor divider is used to set the
output voltage. Choose the high side feedback
resistor R1 to 100k to 200k resistor, the low side
feedback resistor R2 can be calculated as below,
OUT
R1
R2
V
1
0.6
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. For
most applications, use a 1µF-to-4.7
μF ceramic
capacitor.
Selecting the Inductor
The MP5610 requires an inductor to boost its
output voltage. A larger value inductor results in
less ripple current, lowering both the peak-
inductor current and the stress on the internal N-
channel MOSFET. However, the larger inductor
is
physically
larger,
has
a
higher
series
resistance, and a lower saturation current.
Choose an inductor that does not saturate under
the
worst-case
load
conditions.
Select
the
minimum inductor value to ensure that the boost
converter works in continuous-conduction mode
with high efficiency and good EMI performance.
Calculate the required inductance value using the
equation:
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
 

IN
OUT
V
D1
V

Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the load current, and η is the efficiency.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. Selection must also account
for the capacitance
’s dependence on the voltage
rating; with a DC bias voltage, the capacitor can
lose as much as 50% of its capacitance at its
rated voltage rating. Leave a sufficient voltage
rating margin when select the component.
Too-low or too-high capacitance will cause loop
instability.
For
most
applications,
select
a
capacitor in the range of 1
μF to 4.7μF.
Selecting Flying Capacitor
The flying capacitor between CP1 and CP2 is
used to transfer energy from step-up converter
switching node to negative output. Ceramic
capacitors
with
X7R
dielectrics
are
recommended for their low ESR characteristics.
Usually, a 0.1
μF to 1μF capacitor can cover most
of the applications.
Layout Consideration
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent
noise
and
limit
electromagnetic
interference. The loop consisting of internal low-
side
MOSFET,
synchronous
MOSFET
and
output capacitor contains a high-frequency ripple
current
—minimize this loop. Place the input and
output capacitor should as close to the IC as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com